Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 17Page - STMicroelectronics STPM01 Datasheet HTML 18Page - STMicroelectronics STPM01 Datasheet HTML 19Page - STMicroelectronics STPM01 Datasheet HTML 20Page - STMicroelectronics STPM01 Datasheet HTML 21Page - STMicroelectronics STPM01 Datasheet HTML 22Page - STMicroelectronics STPM01 Datasheet HTML 23Page - STMicroelectronics STPM01 Datasheet HTML 24Page - STMicroelectronics STPM01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
STPM01
Theory of operation
21/56
A BandGap voltage reference (VBG) of 1.23V ±1% is used as reference voltage level source
for the two linear regulators and for the A/D converters. Also, this module produces several
bias currents and voltages for all other analog modules and for the OTP module. The
bandgap voltage can be compensated regardless to the temperature variations with the
BGTC bits..
8.8
Load monitoring
The STPM01 includes a no load condition detection circuit with adjustable threshold. This
circuit monitors the voltage and the current channels and, when the measured voltage is
below the set threshold, the internal signal BIL becomes high. The information about this
signal is also available in the status bit BIL.
The no load condition occurs when the product between VRMS and IRMS register values is
below a given value. This value can be set with the LTCH configuration bits.
Four different no-load threshold values can be chosen according to the two configuration
bits LTCH (see table 11).
When a no load condition occurs (BIL=1) the integration of power is suspended and the
tamper module is disabled.
In standalone mode, if a no load condition is detected, the BIL signal blocks generation of
pulses for stepper and forces SCLNLC pin to be low. If APL=2 (see 8.14) the LED pin
continues providing the high frequency pulses, while if APL=3, the pulses are stopped as
happens for MOP and MON.
In peripheral mode, the BIL signal can be accessed only through the SPI interface.
Figure 17.
Bandgap temperature variation
Table 11.
No load detection thresholds
LTCH
KLTCH
0800
11600
23200
36400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com