Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 35Page - STMicroelectronics STPM01 Datasheet HTML 36Page - STMicroelectronics STPM01 Datasheet HTML 37Page - STMicroelectronics STPM01 Datasheet HTML 38Page - STMicroelectronics STPM01 Datasheet HTML 39Page - STMicroelectronics STPM01 Datasheet HTML 40Page - STMicroelectronics STPM01 Datasheet HTML 41Page - STMicroelectronics STPM01 Datasheet HTML 42Page - STMicroelectronics STPM01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
STPM01
Theory of operation
39/56
t1 →t2: Latching Phase. Interval value>2/fCLK
t2 →t3: Data latched, SPI idle. Interval value > 30ns
t3 →t4: Enable SPI for read operation. Interval value > 30ns
t4 →t5: Serial clock counter is reset. Interval value > 30ns
t5 →t6: SPI reset and enabled for read operation. Interval value > 30ns
t7: Internal data transferred to SDATD
t8: SDATD data is stable and can be read
The system that reads the data record from the STPM01 should check the integrity of each
data record. If the check fails, the reading should be repeated, but this time only the shifting
should be applied otherwise a new data would be latched into transmission latches and
incorrectly read one would be lost.
Normally, each byte is read out as most significant bit (msb) first. But this can be changed by
setting the MSBF configuration bit in the STPM01 CFL data record. If this is done, each byte
is read out as least significant bit (lsb) first.
8.23
Writing procedure
Each writable bit (Configuration and Mode bits) has its own 6-bit absolute address. For the
configuration bits, the 6-bit address value corresponds to its decimal value, while for the
mode bits the addresses are the ones indicated in the Mode Signal paragraph.
In order to change the state of some latch one must send to STPM01 a byte of data which is
normal way to send data via SPI. This byte consists of 1-bit data to be latched (msb),
followed by 6-bit address of destination latch, followed by 1-bit don’t care data (lsb) which
makes total 8 bits of command byte.
For example, if we would like to set the configuration bit 47 (part of the secondary current
channel calibrator) to 0, we must convert the decimal 47 to its 6-bit binary value: 101111.
The byte command will be then composed like this:
Figure 25.
Timing for data records reading
t
1
t
2
t
3
t
4 t5
t
6
t
7 t8
S
C
LN
L
C
S
D
A
T
D
S
Y
N
S
C
S
1stbyte
la
stbitof3
2n
db
yte
f(re
a
d)
S
C
LN
L
C
S
D
A
T
D
S
Y
N
S
C
S
1stbyte
la
stbitof3
2n
db
yte
f(re
a
d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com