Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 23Page - STMicroelectronics STPM01 Datasheet HTML 24Page - STMicroelectronics STPM01 Datasheet HTML 25Page - STMicroelectronics STPM01 Datasheet HTML 26Page - STMicroelectronics STPM01 Datasheet HTML 27Page - STMicroelectronics STPM01 Datasheet HTML 28Page - STMicroelectronics STPM01 Datasheet HTML 29Page - STMicroelectronics STPM01 Datasheet HTML 30Page - STMicroelectronics STPM01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
STPM01
Theory of operation
27/56
The mono-flop limits the length of the pulses according to the LVS bit value.
The decoder distributes the pulses to MA and MB alternatively, which means that each of
them has only a half of selected frequency.
In case of detected negative power the behavior of MOP and MON depend on the ABS
configuration bit status. If this bit is set, the negative power is computed as it was positive
(absolute value regardless of the sign), and the MOP and MON signals maintain the pulse
sequence in order to keep the forward rotation direction of the motor. If ABS is zero negative
power is computed with its own sign, and the MOP and MON signals invert their logic state
in order to make the backward rotation direction of the motor. See the diagram below..
When a no-load condition is detected MOP and MON are held low.
8.16
Using STPM01 in microcontroller based meter (peripheral)
The higher flexibility of STPM01 allows its use in very high end microcontroller based energy
meters. In this case the STPM01 must be programmed to work in peripheral mode, all the
SPI pins (SCS, SCLNCL, SDATD, SYN) are used only for communication purposes allowing
the microcontroller to write and read the internal STPM01 registers. The peripheral mode
has two further different configuration modes according to the status of the APL
Figure 20.
Positive energy or absolute computation energy (ABS=1) stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP
Figure 21.
Negative energy stepper driving signals
Hi
Lo
Hi
Lo
MON
MOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com