Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 5 Page - STMicroelectronics

  STPM01 Datasheet HTML 1Page - STMicroelectronics STPM01 Datasheet HTML 2Page - STMicroelectronics STPM01 Datasheet HTML 3Page - STMicroelectronics STPM01 Datasheet HTML 4Page - STMicroelectronics STPM01 Datasheet HTML 5Page - STMicroelectronics STPM01 Datasheet HTML 6Page - STMicroelectronics STPM01 Datasheet HTML 7Page - STMicroelectronics STPM01 Datasheet HTML 8Page - STMicroelectronics STPM01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
STPM01
Pin configuration
5/56
2
Pin configuration
Figure 2.
Pin connections (top view)
Table 1.
Pin description
Pln N°
Symbol
Type (1)
Name and function
1
MON
P O
Programmable output pin, see table 1
2
MOP
P O
Programmable output pin, see table 1
3
SCS
D IN
Digital input/output pin, see table 1
4VDDD
A OUT
1.5V Output of internal low drop regulator which supplies the digital core
5VSS
GND
Ground
6VCC
P IN
Supply voltage
7VOTP
P INr
Supply voltage for OTP cells
8VDDA
A OUT
3V Output of internal low drop regulator which supplies the analog part
9IIP1
A IN
Positive input of primary current channel
10
IIN1
A IN
Negative input of primary current channel
11
IIP2
A IN
Positive input of secondary current channel
12
IIN2
A IN
Negative input of secondary current channel
13
VIP
A IN
Positive input of voltage channel
14
VIN
A IN
Negative input of voltage channel
15
SYN
D I/O
Programmable input/output pin, see table 1
16
CLKIN
A IN
Crystal oscillator input or resistor connection if RC oscillator is selected
17
CLKOUT
A OUT
Oscillator Output (RC or crystal)
18
SCL/NLC
D I/O
Programmable input/output pin, see table 1
19
SDA/TD
D I/O
Programmable input/output pin, see table 1
20
LED
D O
Programmable output pin, see table 1
1.
A: Analog, D: Digital, P: Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com