Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STPM01 Datasheet HTML 24Page - STMicroelectronics STPM01 Datasheet HTML 25Page - STMicroelectronics STPM01 Datasheet HTML 26Page - STMicroelectronics STPM01 Datasheet HTML 27Page - STMicroelectronics STPM01 Datasheet HTML 28Page - STMicroelectronics STPM01 Datasheet HTML 29Page - STMicroelectronics STPM01 Datasheet HTML 30Page - STMicroelectronics STPM01 Datasheet HTML 31Page - STMicroelectronics STPM01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Theory of operation
STPM01
28/56
configuration bit. The APL bit status changes the function of MOP, MON and LED pins
according to the description below.
APL=0:
In the MOP pin, the ZCR signal is available (see paragraph 3 for details about ZCR signal);
The pin MON provides the DOG signal. The DOG signal generates a 16ms long positive
pulse every 1.6 seconds. Generation of these pulses can be suspended if data are read in
intervals shorter than 1.6s. The DOG signal is actually a watchdog reset signal which can be
used to control an operation of an on-board microcontroller. It is set to high whenever the
VDDA voltage is below 2.5 V, but after VDDA goes above 2.5V this signal starts to run.
It is expected that an application microcontroller should access the data in the metering
device on regular basis at least 1/s (recommended is 32/s). Every latching of results in the
metering device requested from the microcontroller also resets the watchdog. If latching
requests does not follow each other within 1.6 second, an active high pulse on MON is
produced, because device assumes that microcontroller does not operate properly. An
application can use this signal either to control the RESET pin of its microcontroller or it can
be tied to some interrupt pin. The last possibility is recommended for a battery backup
application which can enter some sleep mode due to power down condition and should not
be reset by metering device because it would exit from the sleep mode.
The LED pin can be driven from AW wide Band (Active Energy as in standalone mode), AW
limited at fundamental, RW (Reactive Energy) or SW (Apparent Energy) according to the
value of KMOT bit.
In this case, since the LED pin is driven by signals different from AW, some other
relationship between the LSB of the register and must be defined:
KAWFund = 4*KAW [Wh]
KRW = 2*KAW [VARh]
KSW = KAW [VAh]
APL=1:
MOP provides the
∑∆ signal generated from the analog voltage input;
MON provides the
∑∆ signal generated from the analog current input, according to the
selection of the tamper module
LED provides the information about the selection of the current channel made by the tamper
module. If LED is low it means the primary channel is selected, if LED is high the secondary
channel is actually selected.
Table 14.
Led pin configuration in peripheral mode
KMOT (2 Bits)
Signal available in LED pin
# of Pulses
0
AW Type 0 (1)
P [kWh]
1
AW Type 1 (1)
P [kWh]
2
RW
P [kVARh]
3
SW
P [kVAh]
1.
* Type0 is the Wide band Active Energy and Type1 is the fundamental Active Energy if FUND=0, if FUND=1 they are
swapped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com