Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 27 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 23Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 24Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 25Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 26Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 27Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 28Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 29Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 30Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD9956
Rev. B | Page 27 of 32
CONTROL FUNCTION REGISTER DESCRIPTIONS
Control Function Register 1 (CFR1)
This control register is comprised of four bytes, all of which
must be written during a write operation involving CFR1.
CFR1 is used to control various functions, features, and operat-
ing modes of the AD9956. The functionality of each bit(s) is
described below. In general, the bit is named for the function it
serves when the bit is set.
CFR1<31:25> Open. Unused locations. Write a Logic 0
CFR1<24> PLL Lock Error (Read-Only)
When the device is operating in automatic synchronization
mode or hardware manual synchronization mode (see below),
the PLL_LOCK/ SYNC_IN pin behaves as the SYNC_IN. To
determine whether or not the PLL has become unlocked while
in synchronization mode, this bit serves as a flag to indicate
that an unlocked condition has occurred within the phase fre-
quency detector. Once set, the flag stays high until it is cleared
by a readback of the value even though the loop might have
relocked. Readback of the CFR1 register clears this bit.
CFR1<24> = 0 indicates that the loop has maintained lock since
the last readback.
CFR1<24> = 1 indicates that the loop became unlocked at some
point since the last readback of this bit.
CFR1<23> Load Sweep Ramp Rate at I/O_UPDATE, also
known as Load SRR @ I/O_UPDATE
The sweep ramp rate is set by entering a value to a down coun-
ter that is clocked by the SYNC_CLK. Each time a new step is
taken in the linear sweep algorithm, the ramp rate value is
passed from the linear sweep ramp rate register to this down
counter. When set, CFR1<23>, enables the user to force the
part to restart the countdown sequence for the current linear
sweep step by toggling the I/O_UPDATE pin.
CFR1<23> = 0 (default). The linear sweep ramp rate count-
down value is loaded only upon completion of a countdown
sequence.
CFR1<23> = 1. The linear sweep ramp rate countdown value is
reloaded, if an I/O_UPDATE signal is sent to the part during a
sweep.
CFR1<22> Auto-Clear Frequency Accumulator
This bit enables the auto-clear function for the frequency ac-
cumulator. The auto-clear function serves as a clear and release
function for the frequency accumulator (which performs the linear
sweep operation), which then begins sweeping from a known value
of FTW0.
CFR1 <22> = 0 (default). Issuing an I/O_UPDATE has no ef-
fect on the current state of the frequency accumulator.
CFR1 <22> = 1. Issuing an I/O_UPDATE signal to the part
clears the current contents of the frequency accumulator for
one sync-clock period.
CFR1 <21> Auto-Clear Phase Accumulator
This bit enables the auto-clear function for the phase accumula-
tor. The auto-clear function serves as a reset function for the
phase accumulator, which then begins accumulating from a
known phase value of 0.
CFR1<21> = 0 (default). Issuing an I/O_UPDATE has no effect
on the current state of the phase accumulator.
CFR1<21> = 1. Issuing an I/O_UPDATE clears the current
contents of the phase accumulator for one SYNC_CLK period.
CFR1 <20> Enable Sine Output
Two different trigonometric functions can be used to convert
the phase angle to an amplitude value, cosine or sine. This bit
selects the function used.
CFR1<20> = 0 (default). The phase-to-amplitude conversion
block uses a cosine function.
CFR1<20> = 1. The phase-to-amplitude conversion block uses
a sine function.
CFR1 <19> Clear Frequency Accumulator
This bit serves as a static-clear or a clear-and-hold bit for the
frequency accumulator. It prevents the frequency accumulator
from incrementing the value as long as it is set.
CFR1 <19> = 0 (default). The frequency accumulator operates
normally.
CFR1 <19> = 1. The frequency accumulator is cleared and held
at a value of 0.
CFR1 <18> Clear Phase Accumulator
This bit serves as a static-clear or a clear-and-hold it for the
phase accumulator. It prevents the phase accumulator from
incrementing the value as long as it is set.
CFR1 <18> = 0 (default). The phase accumulator operates
normally.
CFR1 <18> = 1. The phase accumulator is cleared and held at a
value of 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com