Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 7Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 8Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 9Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 10Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 11Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 12Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 13Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 14Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD9956
Rev. B | Page 11 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
AGND
AVDD
AGND
AVDD
IOUT
IOUT
AVDD
AGND
I/O_RESET
RESET
DVDD
DGND
NC = NO CONNECT
CP_VDD
AGND
DRV
DRV
CP_VDD
AGND
REFCLK
REFCLK
AVDD
AGND
DVDD
35
CP_OUT
36
34
33
32
31
30
29
28
27
26
25
AD9956
TOP VIEW
(Not to Scale)
Figure 3. 48-Lead LFCSP Pin Configuration
Note that the exposed paddle on this package is an electrical connection (Pin 49) as well as a thermal enhancement. For the device to
function properly, the paddle MUST be attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com