Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 8Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 9Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 10Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 11Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 12Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 13Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 14Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 15Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD9956
Rev. B | Page 12 of 32
Table 3. 48-Lead LFCSP Pin Function Description
Pin No.
Mnemonic
Description
1, 3, 8, 26, 30,
34, 37, 43, 49
AGND
Analog Ground.
2, 4, 7, 27, 38,
44, 48
AVDD
Analog Core Supply (1.8 V).
5
IOUT
DAC Analog Output.
6
IOUT
DAC Analog Complementary Output.
9
I/O_RESET
Resets the serial port when synchronization is lost in communications but does not reset the de-
vice itself (ACTIVE HIGH). When not being used, this pin should be forced low, because it floats to
the threshold value.
10
RESET
Master RESET. Clears all accumulators and returns all registers to their default values (ACTIVE
HIGH).
11, 25
DVDD
Digital Core Supply (1.8 V).
12, 24
DGND
Digital Ground.
13
SDO
Serial Data Output. Used only when device is programmed for 3-wire serial data mode.
14
SDI/O
Serial Data I/O. When the part is programmed for 3-wire serial data mode, this is input only; in
2-wire mode, it serves as both the input and output.
15
SCLK
Serial Data Clock. Provides the clock signal for the serial data port.
16
CS
Active Low Signal That Enables Shared Serial Busses. When brought high, the serial port ignores
the serial data clocks.
17
DVDD_I/O
Digital Interface Supply (3.3 V).
18
SYNC_OUT
Synchronization Clock Output.
19
PLL_LOCK/SYNC_IN
Bidirectional Dual Function Pin. Depending on device programming, it is either the DDS’ synchro-
nization input (allows alignment of multiple subclocks) or the PLL lock detect output signal.
20
I/O_UPDATE
This input pin, when set high, transfers the data from the I/O buffers to the internal registers on the
rising edge of the internal SYNC_CLK, which can be observed on SYNC_OUT.
21 to 23
PS0 to PS2
Profile Select Pins. Specify one of eight frequency tuning word/phase offset word profiles. In linear
sweep mode, PS0 determines the state of the sweep. In linear sweep no dwell mode, PS0 is a trig-
ger that initiates the sweep. PS1 and PS2 have no function during linear sweep mode or linear
sweep no dwell mode.
28
REFCLK
RF Divider and DDS REFCLK Complementary Input.
29
REFCLK
RF Divider and DDS REFCLK Input.
32
DRV
CML Driver Complementary Output.
33
DRV
CML Driver Output.
31, 35
CP_VDD
Charge Pump Supply Pin (3.3 V). To minimize noise on the charge pump, isolate this supply from
DVDD_I/O.
36
CP_OUT
Charge Pump Output.
39
PLLREF
Phase Frequency Detector Reference Input.
40
PLLREF
Phase Frequency Detector Reference Complementary Input.
41
PLLOSC
Phase Frequency Detector Oscillator (Feedback) Complementary Input.
42
PLLOSC
Phase Frequency Detector Oscillator (Feedback) Input.
45
CP_RSET
Charge Pump Current Set (Program Charge Pump Current with a Resistor to AGND).
46
DRV_RSET
CML Driver Output Current Set (Program CML Output Current with a Resistor to AGND).
47
DAC_RSET
DAC Output Current Set (Program DAC Output Current with a Resistor to AGND).
Note that the exposed paddle on this package is an electrical connection (Pin 49) as well as a thermal enhancement. In order for the
device to function properly, the paddle MUST be attached to analog ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com