Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9956-VCO/PCB Datasheet HTML 1Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 2Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 3Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 4Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 5Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 6Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 7Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 8Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2.7 GHz DDS-Based
AgileRFTM Synthesizer
AD9956
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703© 2004–2020 Analog Devices, Inc. All rights reserved.
FEATURES
400 MSPS internal DDS clock speed
48-bit frequency tuning word
14-bit programmable phase offset
Integrated 14-bit DAC
Excellent dynamic performance
Phase noise ≤ 135 dBc/Hz @ 1 KHz offset
−80 dB SFDR @ 160 MHz (±100 KHz offset IOUT)
25 Mb/s write-speed serial I/O control
200 MHz phase frequency detector inputs
655 MHz programmable input dividers for the phase
frequency detector (÷M, ÷N) {M, N = 1..16} (bypassable)
Programmable RF divider (÷R) {R = 1, 2, 4, 8} (bypassable)
8 phase/frequency profiles
1.8 V supply for device operation
3.3 V supply for I/O and charge pump
Software controlled power-down
48-lead LFCSP package
Automatic linear frequency sweeping capability (in DDS)
Programmable charge pump current (up to 4 mA)
Phase modulation capability
Multichip synchronization
Dual-mode PLL lock detect
655 MHz CML-mode PECL-compliant driver
APPLICATIONS
Agile LO frequency synthesis
FM chirp source for radar and scanning systems
Automotive radars
Test and measurement equipment
Acousto-optic device drivers
FUNCTIONAL BLOCK DIAGRAM
FREQUENCY
ACCUMULATOR
PHASE
ACCUMULATOR
PHASE
OFFSET
PHASE
OFFSET
WORD
TIMING AND CONTROL LOGIC
PHASE TO
AMPLITUDE
CONVERSION
14
FTW
48
24
DAC
RF-DIVIDER
÷R
FROM PLLOSC
3
PS<2:0> RESET I/O PORT
CHARGE
PUMP
SCALER
Φ
BUFFER
BUFFER
CP_OUT
CP_RSET
PLL_LOCK/SYNC_IN
I/O_UPDATE
SYNC_OUT
REFCLK
REFCLK
CML CLOCK DRIVER
DRV DRV DRV_RSET
DAC_RSET
IOUT
IOUT
SYNC_CLK
SYSCLK
DELTA
FREQUENCY
TUNING WORD
DELTA
FREQUENCY
RAMP RATE
SYSCLK
3
LOCK
DETECT
48
19
14
DDS CORE
SYSCLK
I/O_RESET
OSCILLATOR
16
CHARGE
PUMP
PLLREF/
PLLREF
PLLOSC/
PLLOSC
÷N
÷4
÷M
Figure 1.


Similar Part No. - AD9956-VCO/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9956-VCO/PCB AD-AD9956-VCO/PCB Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results

Similar Description - AD9956-VCO/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9850 AD-AD9850 Datasheet
378Kb / 19P
CMOS, 125 MHz Complete DDS Synthesizer
REV.E
AD9851 AD-AD9851 Datasheet
254Kb / 23P
CMOS 180 MHz DDS/DAC Synthesizer
REV.C
AD9956 AD-AD9956 Datasheet
805Kb / 32P
2.7 GHz DDS-Based AgileRF
Jul-2004
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9956 AD-AD9956_15 Datasheet
786Kb / 32P
2.7 GHz DDS-Based AgileRF Synthesizer
REV. A
AD9956 AD-AD9956_V01 Datasheet
582Kb / 12P
Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com