Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 31 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  2.7 GHz DDS-Based AgileRFTM Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 24Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 25Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 26Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 27Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 28Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 29Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 30Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 31Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9956
Rev. B | Page 31 of 32
CFR2<15:12> PLLREF Divider Control Bits (÷N)
These 4 bits set the PLLREF divider (÷N) ratio where N is a
value equal to 1 to 16. CFR2<15:12> = 0000 means that
N = 1 and CFR2<15:12> = 1111 means that N = 16, or simply,
N = CFR2<15:12> + 1.
CFR2<15:12> =
N =
CFR2<15:12> =
N =
0000
1
1000
9
0001
2
1001
10
0010
3
1010
11
0011
4
1011
12
0100
5
1100
13
0101
6
1101
14
0110
7
1110
15
0111
8
1111
16
CFR2<11:8> PLLREF Divider Control Bits (÷M)
These 4 bits set the PLLOSC divider (÷M) ratio where
M is a value equal to 1 to 16. CFR2<11:8> = 0000 means
that M = 1 and CFR2<11:8> = 1111 means that M = 16, or
M = CFR2<11:8> + 1.
CFR2<11:8> =
M =
CFR2<11:8> =
M =
0000
1
1000
9
0001
2
1001
10
0010
3
1010
11
0011
4
1011
12
0100
5
1100
13
0101
6
1101
14
0110
7
1110
15
0111
8
1111
16
CFR2<7:6> Open
Unused locations. Write a Logic 0.
CFR2<5> CP Polarity
This bit sets the polarity of the charge pump, in response to a
ground referenced or a supply referenced VCO.
CFR2<5> = 0 (default). The charge pump is configured to
operate with a supply referenced VCO. If PLLOSC lags
PLLREF, the charge pump will attempt to drive the VCO con-
trol node voltage higher. If PLLOSC leads PLLREF, the charge
pump will attempt to drive the VCO control node voltage low-
er.
CFR2<5> = 1. The charge pump is configured to operate with a
ground referenced VCO. If PLLOSC lags PLLREF, the charge
pump will attempt to drive the VCO control node voltage low-
er. If PLLOSC leads PLLREF, the charge pump will attempt to
drive the VCO control node voltage higher.
CFR2<4> Charge Pump Full Power-Down
This bit, when set, will put the charge pump into a full power-
down mode.
CFR2<4> = 0 (default). The charge pump is powered on and
operating normally.
CFR2<4> = 1. The charge pump is completely powered down.
CFR2<3> Charge Pump Quick Power-Down
Rather than power down the charge pump, which can take a
long time to recover from, a quick power-down mode, which
powers down only the charge pump output buffer, is included.
While this doesn’t reduce the power consumption significantly,
it does shut off the output to the charge pump and allows it to
come back on in a rapidly.
CFR2<3> = 0 (default). The charge pump is powered on and
operating normally.
CFR2<3> = 1. The charge pump is on and running, but the
output buffer is powered down.
CFR2<2:0> Charge Pump Current Scale.
A base output current from the charge pump is determined by
a resistor connected from the CP_RSET pin to ground (see the
PLL Circuitry section). However, it is possible to multiply the
charge pump output current by a value from 1:8 by program-
ming these bits. The charge pump output current is scaled by
CFR2<2:0> +1.
CFR2<2:0> = 000 (default). Scale factor = 1 to CFR2<2:0> = 111 (8).
CFR2<2:0>
Scale Factor
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com