Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3021 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP3021 Datasheet HTML 18Page - Microchip Technology MCP3021 Datasheet HTML 19Page - Microchip Technology MCP3021 Datasheet HTML 20Page - Microchip Technology MCP3021 Datasheet HTML 21Page - Microchip Technology MCP3021 Datasheet HTML 22Page - Microchip Technology MCP3021 Datasheet HTML 23Page - Microchip Technology MCP3021 Datasheet HTML 24Page - Microchip Technology MCP3021 Datasheet HTML 25Page - Microchip Technology MCP3021 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2003 Microchip Technology Inc.
DS21805A-page 23
MCP3021
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
MCP3021T: 10-Bit 2-Wire Serial A/D Converter
(Tape and Reel)
Temperature Range:
E = -40
°C to +125°C
Address Options:
XX
A2
A1
A0
A0
=
0
0
0
A1
=
0
0
1
A2
=
0
1
0
A3
=
0
1
1
A4
=
1
0
0
A5 *
=
1
0
1
A6
=
1
1
0
A7
=
1
1
1
* Default option. Contact Microchip factory for other
address options
Package:
OT = SOT-23, 5-lead (Tape and Reel)
PART NO.
X
XX
Address
Temperature
Range
Device
Examples:
a)
MCP3021A0T-E/OT: Extended, A0 Address,
Tape and Reel
b)
MCP3021A1T-E/OT: Extended, A1 Address,
Tape and Reel
c)
MCP3021A2T-E/OT: Extended, A2 Address,
Tape and Reel
d)
MCP3021A3T-E/OT: Extended, A3 Address,
Tape and Reel
e)
MCP3021A4T-E/OT: Extended, A4 Address,
Tape and Reel
f)
MCP3021A5T-E/OT: Extended, A5 Address,
Tape and Reel
g)
MCP3021A6T-E/OT: Extended, A6 Address,
Tape and Reel
h)
MCP3021A7T-IE/OT: Extended, A7 Address,
Tape and Reel
/XX
Package
Options
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com