Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3021 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3021 Datasheet HTML 10Page - Microchip Technology MCP3021 Datasheet HTML 11Page - Microchip Technology MCP3021 Datasheet HTML 12Page - Microchip Technology MCP3021 Datasheet HTML 13Page - Microchip Technology MCP3021 Datasheet HTML 14Page - Microchip Technology MCP3021 Datasheet HTML 15Page - Microchip Technology MCP3021 Datasheet HTML 16Page - Microchip Technology MCP3021 Datasheet HTML 17Page - Microchip Technology MCP3021 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MCP3021
DS21805A-page 14
 2003 Microchip Technology Inc.
4.5
Differential Non-Linearity (DNL)
In the ideal ADC transfer function, each code has a uni-
form width. That is, the difference in analog input volt-
age is constant from one code transition point to the
next. DNL specifies the deviation of any code in the
transfer function from an ideal code width of 1 LSB.
The DNL is determined by subtracting the locations of
successive code transition points after compensating
for any gain and offset errors. A positive DNL implies
that a code is longer than the ideal code width, while a
negative DNL implies that a code is shorter than the
ideal width.
4.6
Integral Non-Linearity (INL)
INL is a result of cumulative DNL errors and specifies
how much the overall transfer function deviates from a
linear response. The method of measurement used in
the MCP3021 ADC to determine INL is the “end-point”
method.
4.7
Offset Error
Offset error is defined as a deviation of the code transi-
tion points that are present across all output codes.
This has the effect of shifting the entire A/D transfer
function. The offset error is measured by finding the dif-
ference between the actual location of the first code
transition and the desired location of the first transition.
The ideal location of the first code transition is located
at 1/2 LSB above VSS.
4.8
Gain Error
The gain error determines the amount of deviation from
the ideal slope of the ADC transfer function. Before the
gain error is determined, the offset error is measured
and subtracted from the conversion result. The gain
error can then be determined by finding the location of
the last code transition and comparing that location to
the ideal location. The ideal location of the last code
transition is 1.5 LSBs below full-scale or VDD.
4.9
Conversion Current (IDD)
The average amount of current over the time required
to perform a 10-bit conversion.
4.10
Active Bus Current (IDDA)
The average amount of current over the time required
to monitor the I2C bus. Any current the device con-
sumes while it is not being addressed is referred to as
Active Bus current.
4.11
Standby Current (IDDS)
The average amount of current required while no con-
version is occurring and while no data is being output
(i.e., SCL and SDA lines are quiet).
4.12
I2C Standard Mode Timing
I2C specification where the frequency of SCL is
100 kHz.
4.13
I2C Fast Mode Timing
I2C specification where the frequency of SCL is
400 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com