Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3021 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3021 Datasheet HTML 6Page - Microchip Technology MCP3021 Datasheet HTML 7Page - Microchip Technology MCP3021 Datasheet HTML 8Page - Microchip Technology MCP3021 Datasheet HTML 9Page - Microchip Technology MCP3021 Datasheet HTML 10Page - Microchip Technology MCP3021 Datasheet HTML 11Page - Microchip Technology MCP3021 Datasheet HTML 12Page - Microchip Technology MCP3021 Datasheet HTML 13Page - Microchip Technology MCP3021 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MCP3021
DS21805A-page 10
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-31:
IDD (Conversion) vs. Clock
Rate.
FIGURE 2-32:
IDD (Conversion) vs.
Temperature.
FIGURE 2-33:
IDDA (Active Bus) vs. VDD.
FIGURE 2-34:
IDDA (Active Bus) vs. Clock
Rate.
FIGURE 2-35:
IDDA (Active Bus) vs.
Temperature.
FIGURE 2-36:
IDDS (Standby) vs. VDD.
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
I
2C Clock Rate (kHz)
VDD = 5V
VDD = 2.7V
0
50
100
150
200
250
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD = 5V
VDD = 2.7V
0
10
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
VDD (V)
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
I
2C Clock Rate (kHz)
VDD = 5V
VDD = 2.7V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
VDD = 5V
VDD = 2.7V
0
10
20
30
40
50
60
2.533.544.555.5
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com