Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3021 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3021 Datasheet HTML 3Page - Microchip Technology MCP3021 Datasheet HTML 4Page - Microchip Technology MCP3021 Datasheet HTML 5Page - Microchip Technology MCP3021 Datasheet HTML 6Page - Microchip Technology MCP3021 Datasheet HTML 7Page - Microchip Technology MCP3021 Datasheet HTML 8Page - Microchip Technology MCP3021 Datasheet HTML 9Page - Microchip Technology MCP3021 Datasheet HTML 10Page - Microchip Technology MCP3021 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
 2003 Microchip Technology Inc.
DS21805A-page 7
MCP3021
Note: Unless otherwise indicated, VDD = 5V, VSS = 0V, I2C Fast Mode Timing (SCL = 400 kHz), Continuous Conversion
Mode (fSAMP = 22.3 ksps), TA = +25°C.
FIGURE 2-13:
DNL vs. Code
(Representative Part).
FIGURE 2-14:
DNL vs. Temperature.
FIGURE 2-15:
Gain Error vs. VDD.
FIGURE 2-16:
DNL vs. Code
(Representative Part, VDD = 2.7V).
FIGURE 2-17:
DNL vs. Temperature
(VDD =2.7V).
FIGURE 2-18:
Offset Error vs. VDD.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
Digital Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Temperature (°C)
Negative DNL
Positive DNL
0.25
0.20
0.15
0.10
0.005
-0.005
-0.10
-0.15
-0.20
-0.25
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
2.53
3.54
4.555.5
VDD (V)
Fast Mode
(fSCL=100 kHz)
Standard Mode
(fSCL=400 kHz)
0
-0.025
-0.05
-0.075
-0.1
-0.15
-0.175
-0.2
-0.225
-0.25
-0.125
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
256
512
768
1024
Digital Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
Temperature (°C)
Positive DNL
Negative DNL
0.25
0.20
0.15
0.10
0.005
-0.005
-0.10
-0.15
-0.20
-0.25
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
2.53
3.544.5
55.5
VDD (V)
fSCL = 100 kHz & 400 kHz
0.25
0.225
0.2
0.175
0.15
0.1
0.075
0.05
0.025
0
0.125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com