Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3021 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP3021
Description  Low Power 10-Bit A/D Converter With I2C??Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3021 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP3021 Datasheet HTML 11Page - Microchip Technology MCP3021 Datasheet HTML 12Page - Microchip Technology MCP3021 Datasheet HTML 13Page - Microchip Technology MCP3021 Datasheet HTML 14Page - Microchip Technology MCP3021 Datasheet HTML 15Page - Microchip Technology MCP3021 Datasheet HTML 16Page - Microchip Technology MCP3021 Datasheet HTML 17Page - Microchip Technology MCP3021 Datasheet HTML 18Page - Microchip Technology MCP3021 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2003 Microchip Technology Inc.
DS21805A-page 15
MCP3021
5.0
SERIAL COMMUNICATIONS
5.1
I2C Bus Characteristics
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a START or STOP condition.
Accordingly, the following bus conditions have been
defined (refer to Figure 5-1).
5.1.1
BUS NOT BUSY (A)
Both data and clock lines remain high.
5.1.2
START DATA TRANSFER (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a START condition. All
commands must be preceded by a START condition.
5.1.3
STOP DATA TRANSFER (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a STOP condition. All
operations must be ended with a STOP condition.
5.1.4
DATA VALID (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number of
data bytes transferred between the START and STOP
conditions is determined by the master device and is
unlimited.
5.1.5
ACKNOWLEDGE
Each receiving device, when addressed, is obliged to
generate an acknowledge bit after the reception of
each byte. The master device must generate an extra
clock pulse that is associated with this acknowledge bit.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the acknowledge-related clock pulse. Setup
and hold times must be taken into account. During
reads, a master device must signal an end of data to
the slave by not generating an acknowledge bit on the
last byte that has been clocked out of the slave (NAK).
In this case, the slave (MCP3021) will release the bus
to allow the master device to generate the STOP con-
dition.
The MCP3021 supports a bidirectional 2-wire bus and
data transmission protocol. The device that sends data
onto the bus is the transmitter and the device receiving
data is the receiver. The bus has to be controlled by a
master device that generates the serial clock (SCL),
controls the bus access and generates the START and
STOP conditions, while the MCP3021 works as a slave
device. Both master and slave devices can operate as
either transmitter or receiver, but the master device
determines which mode is activated.
FIGURE 5-1:
Data Transfer Sequence on the Serial Bus.
SCL
SDA
(A)
(B)
(D)
(D)
(A)
(C)
START
CONDITION
ADDRESS OR
ACKNOWLEDGE
VALID
DATA
ALLOWED
TO CHANGE
STOP
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com