Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS052 Datasheet(PDF) 3 Page - Microchip Technology

Part # PS052
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS052 Datasheet(HTML) 3 Page - Microchip Technology

  PS052 Datasheet HTML 1Page - Microchip Technology PS052 Datasheet HTML 2Page - Microchip Technology PS052 Datasheet HTML 3Page - Microchip Technology PS052 Datasheet HTML 4Page - Microchip Technology PS052 Datasheet HTML 5Page - Microchip Technology PS052 Datasheet HTML 6Page - Microchip Technology PS052 Datasheet HTML 7Page - Microchip Technology PS052 Datasheet HTML 8Page - Microchip Technology PS052 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 2004 Microchip Technology Inc.
DS21817B-page 3
PS052
3.0
MECHANICAL DESCRIPTION
PCB schematics and bill of materials are included here
for completeness. To download the full size schematic
and BOM, please visit the Microchip web site.
3.1
Mechanical Dimensions
Overall Dimensions: 3.938” x 6.300”
FIGURE 3-1:
PS052 DIMENSION DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com