Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS052 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS052
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS052 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS052 Datasheet HTML 2Page - Microchip Technology PS052 Datasheet HTML 3Page - Microchip Technology PS052 Datasheet HTML 4Page - Microchip Technology PS052 Datasheet HTML 5Page - Microchip Technology PS052 Datasheet HTML 6Page - Microchip Technology PS052 Datasheet HTML 7Page - Microchip Technology PS052 Datasheet HTML 8Page - Microchip Technology PS052 Datasheet HTML 9Page - Microchip Technology PS052 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PS052
DS21817B-page 6
 2004 Microchip Technology Inc.
3.3
Bill of Materials
TABLE 3-1:
PS052 BILL OF MATERIALS
Symbols
Description
Manufacturer
Manufacturer PN
Qty
PCB
Raw PCB, PowerCal™ 2
Microchip
04-826160 Rev. 2.1
1
U1
Firmware Specification, PowerCal™ 2 Main MCU
None
Document
Doc.
U2
Firmware Specification, PowerInfo™/PowerCal™ USB MCU None
Document
Doc.
C61-C62
Capacitor, Ceramic, 10 nF, 50V, +/-10%, X7R dielectric, 0603 Panasonic
ECJ-1VB1H103K
2
C56-C60
Capacitor, Ceramic, 4.7 nF, 50V, +/-10%, X7R dielectric, 0603 Panasonic
ECJ-1VB1H472K
5
C34-C37
Capacitor, Ceramic, 22 pF, 50V, +/-5%, C0G dielectric, 0603
Panasonic
ECJ-1VC1H220J
4
C33, C38-C39
Capacitor, Ceramic, 100 nF, 25V, +80%/-20%,
Y5V dielectric, 0603
Panasonic
ECJ-1VF1E104Z
3
C9-C28
Capacitor, Ceramic, 100 nF, 25V, +/-10%,
X7R dielectric, 0805
Panasonic
ECJ-2VB1E104K
20
C49
Capacitor, Ceramic, 220 nF, 25V, +/-10%,
X7R dielectric, 0805
Panasonic
ECJ-2YB1E224K
1
C41-C45, C47-C48
Capacitor, Ceramic, 1.0
µF, 25V, +/-10%,
X7R dielectric, 1206
Panasonic
ECJ-3YB1E105K
7
C40
Capacitor, Ceramic, 100 nF, 50V, +/-10%,
X7R dielectric, 1206
BC Components
1206B104K500BT
1
C50-C55
Capacitor, Ceramic, 10
µF, 6.3V, +/-20%,
X5R dielectric, 1206
Panasonic
ECJ-HVB0J106M
6
C46, C63-C65
Capacitor, Ceramic, 22
µF, 6.3V, +/-20%,
X5R dielectric, 1206
Panasonic
ECJ-3YB0J226M
4
C30-C32
Capacitor, Ceramic, 2.2
µF, 25V, +80%/-20%,
Y5V dielectric, 1206
Panasonic
ECJ-3YF1E225Z
3
LED1-LED2, PWR
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
3
D1
Schottky Diode, 40V, 3A, SMC package
International Rct.
Central Semi.
Central Semi.
MBRS340TR
CMSH3-40-PST
CMSH3-40L-PST
1
D2
Dual Zener Diode, 5.6V +/- 5%, 300 mW, common anode,
SOT-23
Diodes Inc.
General
Semiconductor
AZ23C5V6-7
AZ23-C5V6
1
F1
Fuse, 6.3A, 250V, Time delay, 5X20 mm
Littelfuse
021806.3H
1
ADR
Connector, shorting jumper, female, 2-position, 100 mil
spacing, mates with 25 mil square pins, 15-microinch gold
over nickel
AMP
382811-6
3
TBV
Header, pluggable terminal block, 5.08 mm pitch x 4
positions, 12A/250V, right-angle, closed end
Phoenix
1757268
1
TBP
Header, pluggable terminal block, 5.08 mm pitch x 5
positions, 12A/250V, right-angle, closed end
Phoenix
1757271
1
U2
IC socket, 28-pin DIP, 300 mil width
Mill-max
110-99-328-41-001
1
U1
DIP socket, 40-pin, 600 mil width, BeCu/Sn
AMP
2-641268-1
1
J2
Connector, coaxial power, female, 2.0 mm
center pin x 6.5mm sleeve, right-angle PCB mount
Cui Stack
PJ-102A
1
V-, GND
Test point, 0.125" OD, for 0.062" hole, black
Keystone
5011
2
VC1-VC4, V+
Test point, 0.125" OD, for 0.062" hole, red
Keystone
5010
5
232RX, 232TX, C,
D, DAC, ICTL, IPB,
RX, T, TX
Test point, 0.125" OD, for 0.062" hole, white
Keystone
5012
10
Note
1:
See schematic for jumper configuration details.
2:
The header used for ADR is a break-apart component – one 2 x 36 header can be broken apart to provide up to 12 of the
2 x 3 headers used for ADR.
3:
The following components are left open: C1-C8, C29, EXP1, EXP2, R16, R17, R18, R70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com