Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS052 Datasheet(PDF) 8 Page - Microchip Technology

Part # PS052
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS052 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PS052 Datasheet HTML 4Page - Microchip Technology PS052 Datasheet HTML 5Page - Microchip Technology PS052 Datasheet HTML 6Page - Microchip Technology PS052 Datasheet HTML 7Page - Microchip Technology PS052 Datasheet HTML 8Page - Microchip Technology PS052 Datasheet HTML 9Page - Microchip Technology PS052 Datasheet HTML 10Page - Microchip Technology PS052 Datasheet HTML 11Page - Microchip Technology PS052 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PS052
DS21817B-page 8
 2004 Microchip Technology Inc.
R46-R50
Resistor, film, 0805, 0.5%, 200 kOhms, 25 ppm TC
Susumu
RR1220P-204-D
5
R36-R37
Resistor, film, 2512, 5%, 330 ohms
Panasonic
ERJ-1TYJ331U
2
R1
Resistor, metal strip, 20 milliohms, 1%, 5W,
925 mil L x 330 mil D axial package
Vishay
Ohmite
LVR-5-0.020OHMS-1%
15FR020
1
R3
Resistor, metal strip, 100 milliohms, 5%, 5W,
925 mil L x 330mil D axial package
Huntington Elec.
ALSR-5-.10
1
RST
Switch, SPST momentary tact, surface mount,
6 mm square, 4.3 mm high, 260 g-force
E-Switch
TL3301NF260QG
1
U11, U12
IC, operational amplifier, precision low-voltage/micropower,
quad, SO-14, -40°C to +85°C
Microchip
MCP609-I/SL
2
U10
IC, instrumentation amplifier, SO-8, -40°C to +85°C
Analog Devices
AD620AR
1
U15
IC, dual operational amplifier, SO-8
National Semi.
Fairchild Semi.
LM2904M
LM2904M
1
U7
IC, dual low-voltage operational amplifier, SO-8
Microchip
MCP6022-I/SN
1
U13
IC, Linear Temperature Sensor, TO-92, -40°C to +110°C
National
Semiconductor
LM35CAZ
1
U2
IC, Microcontroller, 24 MHz, with USB Interface,
28-pin/300 mil DIP, -40°C to +85°C
Microchip
PIC16C745-I/SP
1
U1
IC, Microcontroller, 20 MHz, 40-pin DIP, 0°C to +70°C
Microchip
PIC16F877-20/P
1
U9
IC, Quad 2-input NAND gate, VHCMOS, SO-14,
-40°C to +85°C
Toshiba
TC74VHC00FN
1
U4
IC, quad buffer with tri-state outputs, VHCMOS, SO-14,
-40°C to +85°C
Toshiba
TC74VHC125FN
1
U3
IC, RS-232 transceiver, SO-16, 0°C to +70°C
National
Semiconductor
DS14C232CM
1
U8
IC, D/A converter, 16-bit, serial input, SO-16, 0°C to +70°C Linear Technology LTC1650CS
1
U6
IC, Analog multiplexer, 8-channel, single-ended, SO-16,
-40°C to +85°C
Analog Devices
ADG608BR
1
U5
IC, A/D converter, 16-bit, serial-output, 7.5 mm wide
SO-20, -40°C to +85°C
Analog Devices
AD977AR
1
U14
IC, charge pump DC/DC converter, 2.4 to 5.5 VDC input,
-2.4 to -5.5 VDC or 4.8 to 11 VDC output, 100 mA, SO8,
0°C to +70°C
Microchip
TC1121COA
1
U16
IC, Linear Voltage Regulator, 5V, 500 mA, TO-252,
0°C to +125°C
National
Semiconductor
LM78M05CDT
1
Y1
Crystal, 20.0000 MHz, 18 pF load capacitance,
surface-mount.
Citizen
CM309S20.000MABJTR
1
Y2
Crystal, 6.0000 MHz, 18 pF load capacitance,
surface-mount.
Citizen
CM309S6.000MABJTR
1
TABLE 3-1:
PS052 BILL OF MATERIALS (CONTINUED)
Symbols
Description
Manufacturer
Manufacturer PN
Qty
Note
1:
See schematic for jumper configuration details.
2:
The header used for ADR is a break-apart component – one 2 x 36 header can be broken apart to provide up to 12 of the
2 x 3 headers used for ADR.
3:
The following components are left open: C1-C8, C29, EXP1, EXP2, R16, R17, R18, R70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com