Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS052 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS052
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS052 Datasheet(HTML) 1 Page - Microchip Technology

  PS052 Datasheet HTML 1Page - Microchip Technology PS052 Datasheet HTML 2Page - Microchip Technology PS052 Datasheet HTML 3Page - Microchip Technology PS052 Datasheet HTML 4Page - Microchip Technology PS052 Datasheet HTML 5Page - Microchip Technology PS052 Datasheet HTML 6Page - Microchip Technology PS052 Datasheet HTML 7Page - Microchip Technology PS052 Datasheet HTML 8Page - Microchip Technology PS052 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2004 Microchip Technology Inc.
DS21817B-page 1
PS052
Features
• Hardware platform for configuration, calibration
and test of Microchip battery management
products
• Operates under control of Windows® based
PowerMate™ software (PS7XX) and
PowerTool™ 500 software (PS5XX) through an
RS-232 port or USB interface to the PC
• Directly connects to assembled PS7XX or PS5XX
battery pack
• SMBus communication managed by onboard
processor
• Supports loading and verification of battery
configuration parameters and 3D cell models in
memory
• Pluggable battery connector for convenience and
flexibility
• Terminals for attachment to an external load or
charger
• Powered by 12V DC external supply (included)
• Production proven EMI/ESD protection
• Overall mechanical dimensions:
- 3.938 W x 6.300 L (inches)
- 100.025 W x 160.020 L (millimeters)
Ordering Information
Development/Test Software
Part No.
Description
PS052
PowerCal™ 2 Calibration Board
Part No.
Description
PS070
PowerMate™ Software for use with PS7XX
PS050
PowerTool™ 500 Software for use with
PS5XX
PowerCal™ 2 Calibration Platform


Similar Part No. - PS052

ManufacturerPart #DatasheetDescription
logo
CUI INC
PS05 CUI-PS05 Datasheet
335Kb / 5P
PRESSURE SENSOR
12/09/2021
logo
Same Sky Devices
PS05 SAMESKY-PS05 Datasheet
239Kb / 5P
PRESSURE SENSOR
09/12/2024
logo
Sumida Corporation
PS05-036 SUMIDA-PS05-036 Datasheet
62Kb / 1P
Power over Ethernet Transformer
PS05-043 SUMIDA-PS05-043 Datasheet
135Kb / 1P
Power over Ethernet Transformer
PS05-046 SUMIDA-PS05-046 Datasheet
63Kb / 1P
Power over Ethernet Transformer
More results

Similar Description - PS052

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
Calibration
logo
Advantech Co., Ltd.
DPX-S410 ADVANTECH-DPX-S410 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
DPX-S410 ADVANTECH-DPX-S410_14 Datasheet
1Mb / 2P
Intel짰 Core 2 Duo??Gaming Platform
NETARIUM-2 ADVANTECH-NETARIUM-2_14 Datasheet
1Mb / 2P
3U 2-Slot AdvancedTCA Reference Platform
logo
Rosenberger Hochfrequen...
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
Calibration Kit
03K128-K20N3 ROSENBERGER-03K128-K20N3 Datasheet
506Kb / 3P
Calibration Adaptor
153QS105-S20S3 ROSENBERGER-153QS105-S20S3 Datasheet
725Kb / 3P
Calibration Adaptor
logo
Microchip Technology
PS042 MICROCHIP-PS042 Datasheet
537Kb / 8P
PowerCal??Calibration Platform
08/01/02
logo
STMicroelectronics
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
logo
Analog Devices
ADIN2299 AD-ADIN2299 Datasheet
1Mb / 21P
RapID Platform Generation 2 (RPG2) Network Interface
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com