Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS052 Datasheet(PDF) 7 Page - Microchip Technology

Part # PS052
Description  PowerCal??2 Calibration Platform
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS052 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PS052 Datasheet HTML 3Page - Microchip Technology PS052 Datasheet HTML 4Page - Microchip Technology PS052 Datasheet HTML 5Page - Microchip Technology PS052 Datasheet HTML 6Page - Microchip Technology PS052 Datasheet HTML 7Page - Microchip Technology PS052 Datasheet HTML 8Page - Microchip Technology PS052 Datasheet HTML 9Page - Microchip Technology PS052 Datasheet HTML 10Page - Microchip Technology PS052 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
 2004 Microchip Technology Inc.
DS21817B-page 7
PS052
J1
Connector, USB type B, right-angle PCB mount, shielded
Mill-max
Molex
897-30-004-90-000000
67068-0000
1
F1
Fuse holder, PCB mount, for 5X20 mm fuse
Wickmann
6490000100
1
Q1
Heatsink, TO-247, PCB mount, omnidirectional,
1.81 in. W x 1.81 in. D x 1.25 in. H, modified version
of Wakefield 680-125K heatsink
Microchip
MM-825052-01
1
Flat Washer, #4, zinc-plated steel
Various
See Description
11
Q1
Hex Nut, 4-40, zinc-plated steel
Various
See Description
1
Hex standoff, 4-40, 0.375" length, 0.187" across flats,
female, zinc-plated brass
Keystone
1803
10
Internal-tooth lockwasher, #4, zinc-plated steel
Building Fasteners INT LWZ 004
10
Screw, pan head Phillips, 4-40 x 1/4", zinc-plated steel
Building Fasteners PMS 440 0025 PH
10
Q1
Screw, pan head Phillips, 4-40 x 5/16", zinc-plated steel
Various
See Description
4
Q1
Screw, pan head Phillips, 4-40 x 3/4", zinc-plated steel
Various
See Description
1
Q1
Split lock washer, #4, spring steel
Various
See Description
1
ADR
Connector, break-apart PCB header, straight,
2-row x 36-pin, 100 x 100 mil spacing, 235 mil/100 mil/
145 mil length, 25 mil square pins, 10-microinch gold
3M
929665-09-36-I
1
TBV
Pluggable terminal block, 5.08 mm pitch x 4 positions,
12A/250V
Phoenix
1757035
1
TBP
Pluggable terminal block, 5.08 mm pitch x 5 positions,
12A/250V
Phoenix
1757048
1
P1
Connector, DB9 right-angle PCB mount, female sockets
Norcomp
182-009-212-531
1
Q2
Transistor, PNP, -40V, 350 mW SOT-23
Diodes Inc.
Central Semi.
MMBT3906-7
CMPT3906-PST
1
Q1
MOSFET, N-channel enhancement mode, logic-level gate
drive, 36A, 100V, TO-3P package
Fairchild Semi.
Toshiba
FQA33N10L
2SK1381
1
R19, R58
Resistor, film, 0603, 1%, 100 ohms
Panasonic
ERJ-3EKF1000V
2
R28, R62
Resistor, film, 0603, 1%, 100 kOhms
Panasonic
ERJ-3EKF1003V
2
R9-10, R12-R15,
R22-R27, R29, R31,
R40, R65-R66
Resistor, film, 0603, 1%, 10 kOhms
Panasonic
ERJ-3EKF1002V
17
R20
Resistor, film, 0603, 1%, 200 ohms
Panasonic
ERJ-3EKF2000V
1
R51-R52, R71
Resistor, film, 0603, 1%, 20 kOhms
Panasonic
ERJ-3EKF2002V
3
R21
Resistor, film, 0603, 1%, 33.2 kOhms
Panasonic
ERJ-3EKF3322V
1
R5-R8, R11, R68
Resistor, zero ohm, 0603
Panasonic
ERJ-3GEY0R00V
6
R30
Resistor, film, 0603, 5%, 1.0 ohms
Panasonic
ERJ-3GEYJ1R0V
1
R35
Resistor, film, 0603, 5%, 1.5 kOhms
Panasonic
ERJ-3GEYJ152V
1
R69
Resistor, film, 0603, 5%, 150 kOhms
Panasonic
ERJ-3GEYJ154V
1
R32-R34, R67
Resistor, film, 0603, 5%, 47 kOhms
Panasonic
ERJ-3GEYJ473V
4
R2, R63
Resistor, film, 0603, 5%, 6.8 kOhms
Panasonic
ERJ-3GEYJ682V
2
R38-R39, R64
Resistor, film, 0603, 5%, 680 ohms
Panasonic
ERJ-3GEYJ681V
3
R4
Resistor, film, 0603, 0.5%, 3.90 kOhms, 25 ppm TC
Susumu
RR0816P-392-D
1
R53-R57
Resistor, zero ohm, 0805
Panasonic
ERJ-6GEY0R00V
5
R59
Resistor, film, 0805, 5%, 4.7 kOhms
Panasonic
ERJ-6GEYJ472V
1
R60
Resistor, film, 0805, 0.1%, 25 ppm TC, 11.0 kOhms
Panasonic
ERA-6YEB113V
1
R61
Resistor, film, 0805, 0.1%, 25 ppm TC, 33.0 kOhms
Panasonic
ERA-6YEB333V
1
R41-R45
Resistor, film, 0805, 0.5%, 1.00 mOhms, 25 ppm TC
Susumu
RR1220P-105-D
5
TABLE 3-1:
PS052 BILL OF MATERIALS (CONTINUED)
Symbols
Description
Manufacturer
Manufacturer PN
Qty
Note
1:
See schematic for jumper configuration details.
2:
The header used for ADR is a break-apart component – one 2 x 36 header can be broken apart to provide up to 12 of the
2 x 3 headers used for ADR.
3:
The following components are left open: C1-C8, C29, EXP1, EXP2, R16, R17, R18, R70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com