Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549-E/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6549-E/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549-E/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP6549-E/MS Datasheet HTML 1Page - Microchip Technology MCP6549-E/MS Datasheet HTML 2Page - Microchip Technology MCP6549-E/MS Datasheet HTML 3Page - Microchip Technology MCP6549-E/MS Datasheet HTML 4Page - Microchip Technology MCP6549-E/MS Datasheet HTML 5Page - Microchip Technology MCP6549-E/MS Datasheet HTML 6Page - Microchip Technology MCP6549-E/MS Datasheet HTML 7Page - Microchip Technology MCP6549-E/MS Datasheet HTML 8Page - Microchip Technology MCP6549-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 3
MCP6546/6R/6U/7/8/9
AC CHARACTERISTICS
Open-Drain Output
Output Pull-Up Voltage
VPU
1.6
10
V
(Note 4)
High-Level Output Current
IOH
-100
nA
VDD = 1.6V to 5.5V, VPU = 10V (Note 4)
Low-Level Output Voltage
VOL
VSS
—VSS + 0.2
V
IOUT = 2 mA, VPU = VDD = 5V
Short-Circuit Current
ISC
—±1.5
mA
VPU = VDD = 1.6V (Note 4)
ISC
–30
mA
VPU = VDD = 5.5V (Note 4)
Output Pin Capacitance
COUT
—8
pF
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2,
Step = 200 mV, Overdrive = 100 mV, RPU =2.74 kΩ to VPU = VDD, and CL = 36 pF (Refer to Figure 1-2 and Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Fall Time
tF
—0.7
µs
(Note 1)
Propagation Delay (High-to-Low)
tPHL
—4.0
8.0
µs
Propagation Delay (Low-to-High)
tPLH
—3.0
8.0
µs
(Note 1)
Propagation Delay Skew
tPDS
—-1.0
µs
(Notes 1 and 2)
Maximum Toggle Frequency
fMAX
225
kHz
VDD = 1.6V
fMAX
165
kHz
VDD = 5.5V
Input Noise Voltage
Eni
200
µVP-P 10 Hz to 100 kHz
Note 1:
tR and tPLH depend on the load (RL and CL); these specifications are valid for the indicated load only.
2:
Propagation Delay Skew is defined as: tPDS = tPLH - tPHL.
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2, VIN– = VSS,
RPU =2.74kΩ to VPU = VDD (Refer to Figure 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The input offset voltage is the center of the input-referred trip points. The input hysteresis is the difference between the
input-referred trip points.
2:
VHYST at differential temperatures is estimated using: VHYST (TA) = VHYST + (TA -25°C) TC1 + (TA - 25°C)2TC2.
3:
Input bias current at temperature is not tested for the SC-70-5 package
4:
Do not short the output above VSS + 10V. Limit the output current to Absolute Maximum Rating of 30 mA. The minimum
VPU test limit was VDD before Dec. 2004 (week code 52).
MCP6548 CHIP SELECT (CS) CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = 25°C, VIN+ = VDD/2, VIN– = VSS,
RPU =2.74kΩ to VPU = VDD, and CL = 36 pF (Refer to Figures 1-1 and 1-3).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
0.2 VDD
V
CS Input Current, Low
ICSL
—5
pA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—1
pA
CS = VDD
CS Input High, VDD Current
IDD
—18
pA
CS = VDD
CS Input High, GND Current
ISS
—-20
pA
CS = VDD
Comparator Output Leakage
IO(LEAK)
—1
pA
VOUT = VSS+10V, CS = VDD
CS Dynamic Specifications
CS Low to Comparator Output Low
Turn-on Time
tON
—2
50
ms
CS = 0.2VDD to VOUT = VDD/2,
VIN– = VDD
CS High to Comparator Output
High Z Turn-off Time
tOFF
—10
µs
CS = 0.8VDD to VOUT = VDD/2,
VIN– = VDD
CS Hysteresis
VCS_HYST
—0.6
V
VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com