Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549-E/MS Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6549-E/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549-E/MS Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6549-E/MS Datasheet HTML 6Page - Microchip Technology MCP6549-E/MS Datasheet HTML 7Page - Microchip Technology MCP6549-E/MS Datasheet HTML 8Page - Microchip Technology MCP6549-E/MS Datasheet HTML 9Page - Microchip Technology MCP6549-E/MS Datasheet HTML 10Page - Microchip Technology MCP6549-E/MS Datasheet HTML 11Page - Microchip Technology MCP6549-E/MS Datasheet HTML 12Page - Microchip Technology MCP6549-E/MS Datasheet HTML 13Page - Microchip Technology MCP6549-E/MS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP6546/6R/6U/7/8/9
DS21714E-page 10
© 2006 Microchip Technology Inc.
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+=VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-31:
Propagation Delay vs.
Common Mode Input Voltage at VDD =1.6V.
FIGURE 2-32:
Propagation Delay vs.
Pull-up Resistor.
FIGURE 2-33:
Propagation Delay vs.
Pull-up Voltage.
FIGURE 2-34:
Propagation Delay vs.
Common Mode Input Voltage at VDD =5.5V.
FIGURE 2-35:
Propagation Delay vs. Load
Capacitance.
FIGURE 2-36:
Output Leakage Current
(CS =VDD) vs. Output Voltage (MCP6548 only).
0
1
2
3
4
5
6
7
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Common Mode Input Voltage (V)
VDD = 1.6V
100 mV Overdrive
tPLH
tPHL
0
1
2
3
4
5
6
7
8
0
102030405060708090
100
Pull-up Resistor, RPU (k )
VCM = VDD/2
VIN+ = VCM
VDD = 5.5V
VIN– = 100 mV Overdrive
tPHL
tPLH
VDD = 1.6V
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5678
9
10 11
Pull-up Voltage (V)
VCM = VDD/2
VIN+ = VCM
tPHL
VIN– = 100 mV Overdrive
VDD = 5.5V
VDD = 1.6V
tPLH
0
1
2
3
4
5
6
7
8
0.00.5 1.01.5 2.02.5 3.03.5 4.0 4.5 5.05.5
Common Mode Input Voltage (V)
VDD = 5.5V
100 mV Overdrive
tPHL
tPLH
0
20
40
60
80
100
120
140
160
180
200
0
102030405060708090
Load Capacitance (nF)
100 mV Overdrive
VCM = VDD/2
tPLH
tPHL
VDD = 1.6V
VDD = 5.5V
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
01
234
56
789
10 11
Output Voltage (V)
TA = +85°C
CS = VDD
VIN+ = VDD/2
VIN– = VSS
TA = +125°C
TA = +25°C
10n
1n
100p
10p
1p
100f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com