Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6549-E/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6549-E/MS Datasheet HTML 7Page - Microchip Technology MCP6549-E/MS Datasheet HTML 8Page - Microchip Technology MCP6549-E/MS Datasheet HTML 9Page - Microchip Technology MCP6549-E/MS Datasheet HTML 10Page - Microchip Technology MCP6549-E/MS Datasheet HTML 11Page - Microchip Technology MCP6549-E/MS Datasheet HTML 12Page - Microchip Technology MCP6549-E/MS Datasheet HTML 13Page - Microchip Technology MCP6549-E/MS Datasheet HTML 14Page - Microchip Technology MCP6549-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 11
MCP6546/6R/6U/7/8/9
Note: Unless otherwise indicated, VDD = +1.6V to +5.5V, VSS = GND, TA = +25°C, VIN+=VDD/2, VIN– = GND,
RPU =2.74kΩ to VPU =VDD, and CL =36pF.
FIGURE 2-37:
Supply Current (shoot
through current) vs. Chip Select (CS) Voltage at
VDD = 1.6V (MCP6548 only).
FIGURE 2-38:
Supply Current (charging
current) vs. Chip Select (CS) pulse at VDD =1.6V
(MCP6548 only).
FIGURE 2-39:
Chip Select (CS) Step
Response (MCP6548 only).
FIGURE 2-40:
Supply Current (shoot
through current) vs. Chip Select (CS) Voltage at
VDD = 5.5V (MCP6548 only).
FIGURE 2-41:
Supply Current (charging
current) vs. Chip Select (CS) pulse at VDD =5.5V
(MCP6548 only).
FIGURE 2-42:
Input Bias Current vs. Input
Voltage.
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Chip Select (CS) Voltage (V)
Comparator
Shuts Off
Comparator
Turns On
VDD = 1.6V
CS Hysteresis
CS
High-to-Low
CS
Low-to-High
1m
1µ
10µ
100n
1n
10n
100p
10p
100µ
0
5
10
15
20
25
30
01234 56 7 8 9 10 11 12 13 14
Time (1 ms/div)
-8.1
-6.5
-4.9
-3.2
-1.6
0.0
1.6
Start-up
IDD
Charging output
capacitance
VDD = 1.6V
VOUT
CS
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
01
23
45
6
7
8
9
10
Time (ms)
VOUT
VDD = 5.5V
CS
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
0.00.5 1.0 1.5 2.02.5 3.03.5 4.0 4.5 5.05.5
Chip Select (CS) Voltage (V)
Comparator
Shuts Off
Comparator
Turns On
VDD = 5.5V
1m
1µ
10µ
100n
1n
10n
100p
10p
CS
Low-to-High
CS
Hysteresis
CS
High-to-Low
100µ
0
20
40
60
80
100
120
140
160
180
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Time (0.5 ms/div)
-24
-21
-18
-15
-12
-9
-6
-3
0
3
6
Start-up IDD
Charging output
capacitance
VDD = 5.5V
VOUT
CS
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
10m
1m
100µ
10µ
1µ
100n
10n
1n
100p
10p
1p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com