Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6549-E/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6549-E/MS Datasheet HTML 15Page - Microchip Technology MCP6549-E/MS Datasheet HTML 16Page - Microchip Technology MCP6549-E/MS Datasheet HTML 17Page - Microchip Technology MCP6549-E/MS Datasheet HTML 18Page - Microchip Technology MCP6549-E/MS Datasheet HTML 19Page - Microchip Technology MCP6549-E/MS Datasheet HTML 20Page - Microchip Technology MCP6549-E/MS Datasheet HTML 21Page - Microchip Technology MCP6549-E/MS Datasheet HTML 22Page - Microchip Technology MCP6549-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2006 Microchip Technology Inc.
DS21714E-page 19
MCP6546/6R/6U/7/8/9
5-Lead Plastic Package (LT) (SC-70)
0.30
0.15
.012
.006
B
Lead Width
0.18
0.10
.007
.004
c
Lead Thickness
0.30
0.10
.012
.004
L
Foot Length
2.20
1.80
.087
.071
D
Overall Length
1.35
1.15
.053
.045
E1
Molded Package Width
2.40
1.80
.094
.071
E
Overall Width
0.10
0.00
.004
.000
A1
Standoff
1.00
0.80
.039
.031
A2
Molded Package Thickness
1.10
0.80
.043
.031
A
Overall Height
0.65 (BSC)
.026 (BSC)
p
Pitch
5
5
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side.
Notes:
JEITA (EIAJ) Standard: SC-70
Revised 07-19-05
* Controlling Parameter
Top of Molded Pkg to
Q1
.004
.016
0.10
0.40
Lead Shoulder
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
See ASME Y14.5M
L
E1
E
c
D
1
B
p
A2
A
Q1
n
A1
Drawing No. C04-061
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com