Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6549-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6549-E/MS
Description  Open-Drain Output Sub-Microamp Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6549-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP6549-E/MS Datasheet HTML 1Page - Microchip Technology MCP6549-E/MS Datasheet HTML 2Page - Microchip Technology MCP6549-E/MS Datasheet HTML 3Page - Microchip Technology MCP6549-E/MS Datasheet HTML 4Page - Microchip Technology MCP6549-E/MS Datasheet HTML 5Page - Microchip Technology MCP6549-E/MS Datasheet HTML 6Page - Microchip Technology MCP6549-E/MS Datasheet HTML 7Page - Microchip Technology MCP6549-E/MS Datasheet HTML 8Page - Microchip Technology MCP6549-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP6546/6R/6U/7/8/9
DS21714E-page 4
© 2006 Microchip Technology Inc.
FIGURE 1-1:
Timing Diagram for the CS
pin on the MCP6548.
FIGURE 1-2:
Propagation Delay Timing
Diagram.
TEMPERATURE CHARACTERISTICS
1.1
Test Circuit Configuration
This test circuit configuration is used to determine the
AC and DC specifications.
FIGURE 1-3:
AC and DC Test Circuit for
the Open-Drain Output Comparators.
VIL
High-Z
tON
VIH
CS
tOFF
VOUT
-20 pA (typ.)
High-Z
ISS
ICS
-20 pA (typ.)
-0.6 µA (typ.)
1 pA (typ.)
1 pA (typ.)
5 pA (typ.)
VOL
tPLH
VOUT
VIN
100 mV
100 mV
tPHL
VOL
VIN+ = VDD/2
VOH
Electrical Specifications: Unless otherwise indicated, VDD = +1.6V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Note
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SC-70
θJA
331
°C/W
Thermal Resistance, 5L-SOT-23
θJA
256
°C/W
Thermal Resistance, 8L-PDIP
θJA
—85
°C/W
Thermal Resistance, 8L-SOIC
θJA
163
°C/W
Thermal Resistance, 8L-MSOP
θJA
206
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70
°C/W
Thermal Resistance, 14L-SOIC
θJA
120
°C/W
Thermal Resistance, 14L-TSSOP
θJA
100
°C/W
Note:
The MCP6546/7/8/9 I-temp family operates over this extended temperature range, but with reduced
performance. In any case, the Junction Temperature (TJ) must not exceed the absolute maximum
specification of +150°C.
VDD
VSS = 0V
200 k
Ω
200 k
Ω
100 k
Ω
VOUT
VIN = VSS
36 pF
MCP654X
RPU =
VPU = VDD
(2 mA)/ VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com