Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8027ART-EBZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-EBZ Datasheet(HTML) 4 Page - Analog Devices

  AD8027ART-EBZ Datasheet HTML 1Page - Analog Devices AD8027ART-EBZ Datasheet HTML 2Page - Analog Devices AD8027ART-EBZ Datasheet HTML 3Page - Analog Devices AD8027ART-EBZ Datasheet HTML 4Page - Analog Devices AD8027ART-EBZ Datasheet HTML 5Page - Analog Devices AD8027ART-EBZ Datasheet HTML 6Page - Analog Devices AD8027ART-EBZ Datasheet HTML 7Page - Analog Devices AD8027ART-EBZ Datasheet HTML 8Page - Analog Devices AD8027ART-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Data Sheet
AD8027/AD8028
SPECIFICATIONS
analog.com
Rev. E | 4 of 27
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output Voltage Swing
AD8028W only: TMIN to TMAX
−4.9 to +4.9
−4.94 to +4.94
V
Short-Circuit Output
Sinking and sourcing
120
mA
Off Isolation
VIN = 0.2 V p-p, f = 1 MHz, DISABLE/SELECT = low
−49
dB
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current per Amplifier
6.5
8.5
mA
AD8028W only: TMIN to TMAX
9.5
mA
Quiescent Current per Amplifier
(Disabled)
DISABLE/SELECT = low
370
500
µA
AD8028W only: TMIN to TMAX
500
µA
Power Supply Rejection Ratio
VS ± 1 V, AD8028W only: TMIN to TMAX
90
110
dB
1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin.
2 It is recommended to float the DISABLE/SELECT pin for crossover high mode.
VS = 5 V at TA = 25°C, RL = 1 kΩ to midsupply, G = +1, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
131
185
MHz
AD8028W only: TMIN to TMAX
131
MHz
G = +1, VOUT = 2 V p-p
18
28
MHz
AD8028W only: TMIN to TMAX
18
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 0.2 V p-p
12
MHz
Slew Rate
G = +1, VOUT = 2 V step
85
V/µs
G = −1, VOUT = 2 V step
100
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
40
ns
NOISE/DISTORTION PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
fC = 1 MHz, VOUT = 2 V p-p, RF = 24.9 Ω
90
dBc
fC = 5 MHz, VOUT = 2 V p-p, RF = 24.9 Ω
64
dBc
Input Voltage Noise
f = 100 kHz
4.3
nV/√Hz
Input Current Noise
f = 100 kHz
1.6
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.1
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.2
Degrees
Crosstalk, Output to Output
G = +1, RL = 100 Ω, VOUT = 2 V p-p, VS = 5 V at 1 MHz
−92
dB
DC PERFORMANCE
Input Offset Voltage
DISABLE/SELECT = tristate or open, PNP active
200
800
µV
AD8028W only: TMIN to TMAX
850
µV
DISABLE/SELECT = high NPN active
240
900
µV
AD8028W only: TMIN to TMAX
900
µV
Input Offset Voltage Drift
TMIN to TMAX
2
µV/°C
Input Bias Current1
VCM = 2.5 V, NPN active
4
6
µA
TMIN to TMAX
4
µA
AD8028W only: TMIN to TMAX
6
µA
VCM = 2.5 V, PNP active
−8
−11
µA
TMIN to TMAX
−8
µA
AD8028W only: TMIN to TMAX
−11
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com