Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD8027ART-EBZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8027ART-EBZ Datasheet HTML 19Page - Analog Devices AD8027ART-EBZ Datasheet HTML 20Page - Analog Devices AD8027ART-EBZ Datasheet HTML 21Page - Analog Devices AD8027ART-EBZ Datasheet HTML 22Page - Analog Devices AD8027ART-EBZ Datasheet HTML 23Page - Analog Devices AD8027ART-EBZ Datasheet HTML 24Page - Analog Devices AD8027ART-EBZ Datasheet HTML 25Page - Analog Devices AD8027ART-EBZ Datasheet HTML 26Page - Analog Devices AD8027ART-EBZ Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
AD8027/AD8028
APPLICATIONS INFORMATION
analog.com
Rev. E | 25 of 27
dB pass band of 500 kHz. To start the design, select fO, Q, C1, and
R4. Then use the following equations to calculate the remaining
variables:
Q= fO (MHz)
Band Pass (MHz)
(8)
k = 2πfOC1
(9)
C2 = 0.5C1
(10)
R1 = 2/k, R2 = 2/(3k), R3 = 4/k
(11)
H = 1/3(6.5 − 1/Q)
(12)
R5 = R4/(H − 1)
(13)
Figure 67. Band-Pass Filter Schematic
The test data shown in Figure 68 indicates that this design yields
a filter response with a center frequency of fO = 1 MHz, and a
bandwidth of 450 kHz.
Figure 68. Band-Pass Filter Response
DESIGN TOOLS AND TECHNICAL SUPPORT
Analog Devices is committed to simplifying the design process
by providing technical support and online design tools. Analog
Devices offers technical support via evaluation boards, sample ICs,
interactive evaluation tools, data sheets, SPICE models, application
notes, and phone and email support available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com