Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8027ART-EBZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8027ART-EBZ Datasheet HTML 18Page - Analog Devices AD8027ART-EBZ Datasheet HTML 19Page - Analog Devices AD8027ART-EBZ Datasheet HTML 20Page - Analog Devices AD8027ART-EBZ Datasheet HTML 21Page - Analog Devices AD8027ART-EBZ Datasheet HTML 22Page - Analog Devices AD8027ART-EBZ Datasheet HTML 23Page - Analog Devices AD8027ART-EBZ Datasheet HTML 24Page - Analog Devices AD8027ART-EBZ Datasheet HTML 25Page - Analog Devices AD8027ART-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Data Sheet
AD8027/AD8028
WIDEBAND OPERATION
analog.com
Rev. E | 22 of 27
Voltage feedback amplifiers can use a wide range of resistor values
to set their gain. Proper design of the feedback network of the
application requires consideration of the following issues:
►
Poles formed by the amplifier input capacitances with the resis-
tances seen at the amplifier input terminals
►
Effects of mismatched source impedances
►
Resistor value impact on the voltage noise of the application
►
Amplifier loading effects
The AD8027/AD8028 have an input capacitance of 2 pF. This input
capacitance forms a pole with the amplifier feedback network, de-
stabilizing the loop. For this reason, it is generally desirable to keep
the source resistances below 500 Ω, unless some capacitance is
included in the feedback network. Likewise, keeping the source
resistances low also takes advantage of the AD8027/AD8028 low
input voltage noise of 4.3 nV/√Hz.
With a wide bandwidth of 190 MHz, the AD8027/AD8028 have
numerous applications and configurations. The AD8027/AD8028
device shown in Figure 62 is configured as a noninverting amplifier.
Table 9 provides an easy selection table of gain, resistor values,
bandwidth, and noise performance, and Figure 63 shows the invert-
ing configuration.
Figure 62. Wideband Noninverting Gain Configuration
Figure 63. Wideband Inverting Gain Configuration
CIRCUIT CONSIDERATIONS
BALANCED INPUT IMPEDANCES
Balanced input impedances can help to improve distortion perform-
ance. When the amplifier transitions from PNP pair to NPN pair
operation, a change in both the magnitude and direction of the
input bias current occurs. When multiplied by imbalanced input
impedances, a change in offset can result. The key to minimizing
this distortion is to keep the input impedances balanced on both
inputs. Figure 64 shows the effect of the imbalance and degradation
in SFDR performance for a 50 Ω source impedance, with and
without a 50 Ω balanced feedback path.
Figure 64. SFDR vs. Frequency and Various RF
Table 9. Component Values, Bandwidth, and Noise Performance (VS = ±2.5 V)
Noise Gain
(Noninverting)
RSOURCE (Ω)
RF (Ω)
RG (Ω)
−3 dB Small Signal BW (MHz)
Output Noise with Resistors (nV/√Hz)
1
50
0
Not applicable
190
4.4
2
50
499
499
95
10
10
50
499
54.9
13
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com