Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8027ART-EBZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8027ART-EBZ Datasheet HTML 5Page - Analog Devices AD8027ART-EBZ Datasheet HTML 6Page - Analog Devices AD8027ART-EBZ Datasheet HTML 7Page - Analog Devices AD8027ART-EBZ Datasheet HTML 8Page - Analog Devices AD8027ART-EBZ Datasheet HTML 9Page - Analog Devices AD8027ART-EBZ Datasheet HTML 10Page - Analog Devices AD8027ART-EBZ Datasheet HTML 11Page - Analog Devices AD8027ART-EBZ Datasheet HTML 12Page - Analog Devices AD8027ART-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
AD8027/AD8028
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. E | 9 of 27
Figure 7. 10-Lead MSOP, AD8028 Pin Configuration
Table 8. 10-Lead MSOP, AD8028 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTA
Output Voltage, Channel A.
2
−IN A
Negative Input, Channel A.
3
+IN A
Positive Input, Channel A.
4
−VS
Negative Supply.
5
DISABLE/SELECT A
Power-Down/Select, Channel A. The power-down function places the device into low power consumption mode. The
select function of this pin shifts the crossover point (where the NPN/PNP input differential pairs transition from one to
the other) closer to either the positive supply rail or the negative supply rail.
6
DISABLE/SELECT B
Power-Down/Select, Channel B. The power-down function places the device into low power consumption mode. The
select function of this pin shifts the crossover point (where the NPN/PNP input differential pairs transition from one to
the other) closer to either the positive supply rail or the negative supply rail.
7
+IN B
Positive Input, Channel B.
8
−IN B
Negative Input, Channel B.
9
VOUTB
Output Voltage, Channel B.
10
+VS
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com