Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8027ART-EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD8027ART-EBZ
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8027ART-EBZ Datasheet HTML 16Page - Analog Devices AD8027ART-EBZ Datasheet HTML 17Page - Analog Devices AD8027ART-EBZ Datasheet HTML 18Page - Analog Devices AD8027ART-EBZ Datasheet HTML 19Page - Analog Devices AD8027ART-EBZ Datasheet HTML 20Page - Analog Devices AD8027ART-EBZ Datasheet HTML 21Page - Analog Devices AD8027ART-EBZ Datasheet HTML 22Page - Analog Devices AD8027ART-EBZ Datasheet HTML 23Page - Analog Devices AD8027ART-EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Data Sheet
AD8027/AD8028
THEORY OF OPERATION
analog.com
Rev. E | 20 of 27
The AD8027/AD8028 are rail-to-rail input/output amplifiers de-
signed in the Analog Devices, Inc., extra fast complementary
bipolar (XFCB) process. The XFCB process enables the AD8027/
AD8028 to run on 2.7 V to 12 V supplies with 190 MHz of band-
width and a 100 V/µs slew rate. The AD8027/AD8028 have 4.3
nV/√Hz of wideband noise with 17 nV/√Hz noise at 10 Hz. This
noise performance, with an offset of less than 900 µV maximum
and drift performance of 1.50 µV/°C typical, makes the AD8027/
AD8028 ideal for high speed, precision applications. Additionally,
the input stage operates 200 mV beyond the supply rails and shows
no phase reversal. The amplifiers feature overvoltage protection on
the input stage. When the inputs exceed the supply rails by 0.7 V,
ESD protection diodes turn on, drawing excessive current through
the differential input pins. Include a series input resistor to limit the
input current to less than 10 mA.
INPUT STAGE
The rail-to-rail input performance is achieved by operating comple-
mentary input pairs. The common-mode level of the differential
input signal determines which pair is on. As shown in Figure 60,
a tail current (ITAIL) is generated that sources the PNP differential
input structure consisting of Q1 and Q2. A reference voltage is
generated internally that is connected to the base of Q5. This
voltage is continually compared against the common-mode input
voltage. When the common-mode level exceeds the internal refer-
ence voltage, Q5 diverts the tail current (ITAIL) from the PNP input
pair to a current mirror that sources the NPN input pair consisting of
Q3 and Q4.
The NPN input pair can then operate at 200 mV above the positive
rail. Both input pairs are protected from differential input signals
above 1.4 V by four diodes across the input (see Figure 60). In
the event of differential input signals that exceed 1.4 V, the diodes
conduct and excessive current flows through them. Include a series
input resistor to limit the input current to 10 mA.
CROSSOVER SELECTION
The AD8027/AD8028 have a crossover selection feature that allows
the user to choose the crossover point between the PNP/NPN
differential pairs. Although the crossover region is small, avoid oper-
ating in this region because it can introduce offset and distortion to
the output signal. To help avoid operating in the crossover region,
the AD8027/AD8028 allow the user to select from two preset
crossover locations (voltage levels) using the DISABLE/SELECT
pin. The crossover region is about 200 mV and is defined by the
voltage level at the base of Q5 in Figure 60. Internally, two separate
voltage sources are created approximately 1.2 V from either rail.
One rail or the other is connected to Q5, based on the voltage
applied to the DISABLE/ SELECT pin. This allows either dominant
PNP pair operation, when the DISABLE/SELECT pin is left open,
or dominant NPN pair operation, when the DISABLE/SELECT pin is
pulled high.
The DISABLE/SELECT pin also provides the traditional power-
down function when it is pulled low. This pin allows the designer
to achieve the best precision and ac performance for high-side and
low-side signal applications. See Figure 54 through Figure 57 for
DISABLE/SELECT pin characteristics.
In the event that the crossover region cannot be avoided, specific
attention is given to the input stage to ensure constant transconduc-
tance and minimal offset in all regions of operation. The regions are
PNP input pair running, NPN input pair running, and both running at
the same time (in the 200 mV crossover region). Maintaining con-
stant transconductance in all regions ensures the best wideband
distortion performance when going between these regions. With
this technique, the AD8027/AD8028 can typically achieve 85 dBc
SFDR for a 2 V p-p, 1 MHz, and G = +1 signal on ±1.5 V supplies.
Another requirement needed to achieve this level of distortion is
that the offset of each pair must be laser trimmed, even for low
frequency signals.
Figure 60. Simplified Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com