Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD823AARZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARZ-R7 Datasheet HTML 9Page - Analog Devices AD823AARZ-R7 Datasheet HTML 10Page - Analog Devices AD823AARZ-R7 Datasheet HTML 11Page - Analog Devices AD823AARZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 11 of 20
8
7
6
5
4
3
2
1
0
0
2
4
6
8
10
12
14
16
18
20
SUPPLY VOLTAGE (±V)
–55°C
+25°C
+125°C
Figure 25. Quiescent Current vs. Supply Voltage
100
90
80
70
60
50
40
30
20
10
0
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
+PSRR
+VS = 5V
–PSRR
Figure 26. Power Supply Rejection Ratio vs. Frequency
0
5
10
15
20
25
30
10k
100k
FREQUENCY (Hz)
1M
10M
VS = +5V, VIN = –0.2V TO +3.8V
VS = +3V, VIN = –0.2V TO +1.5V
RL = 2kΩ
G = +1
VS = ±15V,
VIN = –15.2V TO +13.8V
Figure 27. Large Signal Frequency Response
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10
CAPACITANCE (pF × 1000)
+VS = +5V
Φm = 20°
Φm = 45°
VIN
RS
CL
Figure 28. Series Resistance vs. Capacitive Load
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY (Hz)
VS = +5V
GAIN = +1
RL = 2kΩ
1k
10k
100k
1M
10M
Figure 29. Crosstalk vs. Frequency
1.5V
0V
3V
10µs/DIV
500mV/DIV
VS = 3V
G = –1
VOUT = 2.9V p-p
Figure 30. Output Swing, +VS = ±1.5 V, G = −1
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com