Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD823AARZ-R7 Datasheet HTML 1Page - Analog Devices AD823AARZ-R7 Datasheet HTML 2Page - Analog Devices AD823AARZ-R7 Datasheet HTML 3Page - Analog Devices AD823AARZ-R7 Datasheet HTML 4Page - Analog Devices AD823AARZ-R7 Datasheet HTML 5Page - Analog Devices AD823AARZ-R7 Datasheet HTML 6Page - Analog Devices AD823AARZ-R7 Datasheet HTML 7Page - Analog Devices AD823AARZ-R7 Datasheet HTML 8Page - Analog Devices AD823AARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Wide Supply Dual, 17 MHz, Rail-to-Rail
FET Input Amplifier
Data Sheet
AD823A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2012 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation
Output swings rail-to-rail
Input voltage range extends below ground
Single-supply capability from 3 V to 36 V
High load drive
Capacitive load drive of 470 pF (G = +1, 25% overshoot)
Linear output current of 40 mA, 0.5 V from supplies
Excellent ac performance on 2.6 mA/amplifier
−3 dB bandwidth of 17 MHz, G = +1
325 ns settling time to 0.01% (2 V step)
Slew rate of 30 V/μs
Low distortion: −108 dBc at 20 kHz (G = −1, RL = 2 kΩ)
Good dc performance
700 μV maximum input offset voltage
1 μV/°C offset voltage drift
25 pA maximum input bias current
Low noise: 14 nV/√Hz at 10 kHz
No phase inversion with inputs to the supply rails
APPLICATIONS
Photodiode preamps
Active filters
12-bit to 16-bit data acquisition systems
Medical instrumentation
Precision instrumentation
GENERAL DESCRIPTION
The AD823A is a dual precision, 17 MHz, JFET input op amp
manufactured in the extra fast complementary bipolar (XFCB)
process. The AD823A can operate from a single supply of 3 V
to 36 V or from dual supplies of ±1.5 V to ±18 V. It has true
single-supply capability with an input voltage range extending
below ground in single-supply mode. Output voltage swing extends
to within 20 mV of each rail for IOUT ≤ 100 μA, providing
outstanding output dynamic range. It also has a linear output
current of 40 mA, 0.5 V from the supply rails.
An offset voltage of 700 μV maximum, an offset voltage drift of
1 μV/°C, and typical input bias currents of 0.3 pA provide dc
precision with source impedances up to 1 GΩ. The AD823A
provides 17 MHz, −3 dB bandwidth, and a 30 V/μs slew rate with
a low supply current of only 2.6 mA per amplifier. It also provides
low input voltage noise of 14 nV/√Hz and −108 dB SFDR at
20 kHz. The AD823A has low input capacitances (0.6 pF differ-
ential and 1.3 pF common mode) and drives more than 500 pF
of direct capacitive load as a follower. This lets the amplifier
handle a wide range of load conditions.
CONNECTION DIAGRAM
AD823A
OUT1
+IN2
–IN2
OUT2
+VS
–IN1
+IN1
–VS
1
2
3
4
8
7
6
5
Figure 1. 8-Lead SOIC
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
8
OUT2
7
–IN2
6
+IN2
5
AD823A
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP
200µs/DIV
500mV/DIV
0V
3.0V
1.5V
VS = 3V
CL = 50pF
G = +1
Figure 3. Output Swing, +VS = +3 V, G = +1
This combination of ac and dc performance, plus the outstanding
load drive capability, results in an exceptionally versatile ampli-
fier for applications such as ADC drivers, high speed active filters,
and other low voltage, high dynamic range systems.
The AD823A is available over the industrial temperature range
of −40°C to +85°C and is offered in an 8-lead SOIC package and
an 8-lead MSOP package.


Similar Part No. - AD823AARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823AARZ-R7 AD-AD823AARZ-R7 Datasheet
515Kb / 20P
Wide Supply Dual, 17 MHz, Rail-to-Rail
REV. B
More results

Similar Description - AD823AARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823 Datasheet
439Kb / 16P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV.0
AD823 AD-AD823_07 Datasheet
465Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823A AD-AD823A_12 Datasheet
515Kb / 20P
Wide Supply Dual, 17 MHz, Rail-to-Rail
REV. B
AD823 AD-AD823_15 Datasheet
412Kb / 20P
Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Rev. E
logo
ON Semiconductor
NCS2004 ONSEMI-NCS2004 Datasheet
942Kb / 13P
Wide Supply Rail-to-Rail Output Operational Amplifier
October, 2015 ??Rev. 9
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810_18 Datasheet
468Kb / 28P
Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com