Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD823AARZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARZ-R7 Datasheet HTML 15Page - Analog Devices AD823AARZ-R7 Datasheet HTML 16Page - Analog Devices AD823AARZ-R7 Datasheet HTML 17Page - Analog Devices AD823AARZ-R7 Datasheet HTML 18Page - Analog Devices AD823AARZ-R7 Datasheet HTML 19Page - Analog Devices AD823AARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD823A
Data Sheet
Rev. B | Page 18 of 20
Table 8. RMS Noise Contributions of Photodiode Preamp
Contributor
Expression
(μV)1
RF
2
π
N
F
f
R
4kT
55.17
VNOISE

N
F
D
F
M
S
NOISE
f
C
2C
C
C
C
V
2
π
138.5
RSS Total
149.1
1 RMS noise with RF = 50 kΩ, CS = 5 pF, CF = 1.2 pF, CM = 1.3 pF, and CD = 0.6 pF.
ACTIVE FILTER
The AD823A is an ideal candidate for an active filter because of
its low input bias current and its low input capacitance. Low
input bias current reduces dc error in the signal path while low
input capacitance improves the accuracy of the active filter.
As a general rule of thumb, the bandwidth of the amplifier should
be at least 10 times bigger than the cutoff frequency of the filter
implemented. Therefore, the AD823A is capable of implementing
active filters of up to 1.7 MHz.
AD823A
RT
49.9Ω
R2
1.12kΩ
R1
1.12kΩ
C1
200pF
+VS
–VS
VOUT
VIN
C2
100pF
Figure 46. Two-Pole Sallen-Key Active Filter
Figure 46 shows an example of a second-order Butterworth
filter, which is implemented by the Sallen-Key topology. This
structure can be duplicated to produce higher-order filters.
3
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
Figure 47. Two-Pole Butterworth Active Filter Response
Figure 47 shows the two-pole Butterworth active filter’s response.
Note that it has a maximally flat pass band, a −3 dB bandwidth
of 1 MHz, and a 12 dB/octave roll-off in the stop band.
The cutoff frequency (fc) and the Q factor of the Butterworth
filter can be calculated by:
2
1
2
1
2
1
C
C
R
R
f
c
(7)

2
2
1
2
1
2
1
C
R
R
C
C
R
R
Q
(8)
Therefore, one can easily adjust the cutoff frequency by
appropriately factoring the resistor and capacitor values. For
example, a 100 kHz filter can be implemented by increasing the
values of R1 and R2 by 10 times. Note that the Q factor remains
the same in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com