Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD823AARZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARZ-R7 Datasheet HTML 15Page - Analog Devices AD823AARZ-R7 Datasheet HTML 16Page - Analog Devices AD823AARZ-R7 Datasheet HTML 17Page - Analog Devices AD823AARZ-R7 Datasheet HTML 18Page - Analog Devices AD823AARZ-R7 Datasheet HTML 19Page - Analog Devices AD823AARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD823A
Data Sheet
Rev. | Page 16 of 20
WIDEBAND PHOTODIODE PREAMP
+
VOUT
VB
CD
CM
CM
AD823A
RSH = 10
11
CS
IPHOTO
CF
RF
Figure 42. Wideband Photodiode Preamp
The AD823A is an excellent choice for photodiode preamp
application. Its low input bias current minimizes the DC error
at the preamp output. In addition, its high gain bandwidth
product and low input capacitance maximizes the signal
bandwidth of the photodiode preamp. Figure 42 shows the
AD823A as a current-to-voltage (I/V) converter with an
electrical model of a photodiode.
The transimpedance gain of the photodiode preamp can be
described by the basic transfer function:
F
F
F
PHOTO
OUT
R
sC
R
I
V
+
×
=
1
(1)
where IPHOTO is the output current of the photodiode, and the
parallel combination of RF and CF sets the signal bandwidth (see
the I to V gain curve in Figure 43). Note that one should set RF
such that the maximum attainable output voltage corresponds
to the maximum diode current IPHOTO. This allows one to utilize
the full output swing.
The signal bandwidth that is attainable with this preamp is a
function of RF, the gain bandwidth product (fu) of the amplifier,
and the total capacitance at the amplifier summing junction,
including CS and the amplifier input capacitance CD and CM. RF
and the total capacitance produce a pole with loop frequency (fp).
S
F
p
C
R
f
π
2
1
=
(2)
With the additional pole from the amplifier’s open loop
response, the two-pole system results in peaking and instability
due to an insufficient phase margin (Figure 43(A), Without
Compensation).
Adding CF creates a zero in the loop transmission that compensates
for the effect of the input pole. This stabilizes the photodiode
preamp design because of the increased phase margin. It also sets
the signal bandwidth (Figure 43(B), With Compensation). The
signal bandwidth and the zero frequency are determined by
F
F
z
C
R
f
π
2
1
=
(3)
Setting the zero at the frequency fx maximizes the signal
bandwidth with a 45° phase margin. Since fx is the geometric
mean of fp and fu, it can be calculated by
u
p
x
f
f
f
×
=
(4)
Combining Equation 2, Equation 3 and Equation 4, the value of
CF that produces fx is defined by
u
F
S
F
f
R
C
C
×
×
=
π
2
(5)
The frequency response in this case shows about 2 dB of
peaking and 15% overshoot. Doubling CF and cutting the
bandwidth in half results in a flat frequency response with
about 5% transient overshoot.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com