Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD823AARZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD823AARZ-R7
Description  Wide Supply Dual, 17 MHz, Rail-to-Rail FET Input Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823AARZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD823AARZ-R7 Datasheet HTML 12Page - Analog Devices AD823AARZ-R7 Datasheet HTML 13Page - Analog Devices AD823AARZ-R7 Datasheet HTML 14Page - Analog Devices AD823AARZ-R7 Datasheet HTML 15Page - Analog Devices AD823AARZ-R7 Datasheet HTML 16Page - Analog Devices AD823AARZ-R7 Datasheet HTML 17Page - Analog Devices AD823AARZ-R7 Datasheet HTML 18Page - Analog Devices AD823AARZ-R7 Datasheet HTML 19Page - Analog Devices AD823AARZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD823A
Rev. | Page 17 of 20
log f
log f
fp
G = 1
G = R2C1s
fx
fu
OPEN-LOOP GAIN
OPEN-LOOP GAIN
(A) WITHOUT COMPENSATION
f
fp
G = 1
f
fx
fu
G = 1 + CS/CF
fz
fn
(B) WITH COMPENSATION
I TO V GAIN
–180°
–135°
–90°
–45°
0°
–135°
–90°
–45°
0°
45°
90°
G = RFCS(s)
Figure 43. Gain and Phase Plot of the Transimpedance Amplifier Design
The dominant sources of output noise in the wideband
photodiode preamp design are the input voltage noise of the
amplifier, VNOISE and the resistor noise due to RF. The gray curve
in Figure 43 shows the noise gain over frequencies for the
photodiode preamp. The noise bandwidth is at the frequency fN,
and it can be calculated by
(
)
F
F
S
u
N
C
C
C
f
f
+
=
(6)
Figure 44 shows the AD823A configured as a transimpedance
photodiode amplifier. The amplifier is used in conjunction with
a photodiode detector with input capacitance of 5 pF. Figure 45
shows the transimpedance response of the AD823A when IPHOTO
is 1 µA p-p. The amplifier has a bandwidth of 2.2 MHz when it
is maximized for a 45° phase margin with CF = 1.2 pF. Note that
with the PCB parasitics added to CF, the peaking is only 0.5 dB
and the bandwidth is slightly reduced. Increasing CF to 2.7 pF
completely eliminates the peaking. However, it reduces the
bandwidth to 1.2 MHz.
Table 8 shows the noise sources and total output noise for the
photodiode preamp, where the preamplifier is configured to
have a 45° phase margin for maximal bandwidth and fz = fx = fn
in this case.
AD823A
0.1µF
+5V
49.9kΩ
VOUT
0.1µF
–5V
–5V
100
Ω
1.2pF
Figure 44. Photodiode Preamplifier
95
85
86
87
88
89
90
91
92
93
94
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IPHOTO = 1µA p-p
CF = 1.2pF
IPHOTO = 1µA p-p
CF = 2.7pF
Figure 45. Photodiode Preamplifier Frequency Response
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com