Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/8 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8752H/8
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/8 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8752H/8 Datasheet HTML 3Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 4Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 5Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 6Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 7Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 8Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 9Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 10Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
1999 Mar 09
7
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
PINNING
SYMBOL
PIN
DESCRIPTION
n.c.
1
not connected
DEC2
2
main regulator decoupling input
Vref
3
gain stabilizer voltage reference input
DEC1
4
main regulator decoupling input
n.c.
5
not connected
RAGC
6
red channel AGC output
RBOT
7
red channel ladder decoupling input (BOT)
RGAINC
8
red channel gain capacitor input
RCLP
9
red channel gain clamp capacitor input
RDEC
10
red channel gain regulator decoupling input
VCCAR
11
red channel gain analog power supply
RIN
12
red channel gain analog input
AGNDR
13
red channel gain analog ground
GAGC
14
green channel AGC output
GBOT
15
green channel ladder decoupling input (BOT)
GGAINC
16
green channel gain capacitor input
GCLP
17
green channel gain clamp capacitor input
GDEC
18
green channel gain regulator decoupling input
VCCAG
19
green channel gain analog power supply
GIN
20
green channel gain analog input
AGNDG
21
green channel gain analog ground
BAGC
22
blue channel AGC output
BBOT
23
blue channel ladder decoupling input (BOT)
BGAINC
24
blue channel gain capacitor input
BCLP
25
blue channel gain clamp capacitor input
BDEC
26
blue channel gain regulator decoupling input
VCCAB
27
blue channel gain analog power supply
BIN
28
blue channel gain analog input
AGNDB
29
blue channel gain analog ground
n.c.
30
not connected
n.c.
31
not connected
I2C/3W
32
selection input between I2C-bus (active HIGH) and 3-wire serial bus (active LOW)
ADD1
33
I2C-bus address control input 1
ADD2
34
I2C-bus address control input 2
TCK
35
scan test mode (active HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com