Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/8 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA8752H/8
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/8 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA8752H/8 Datasheet HTML 19Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 20Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 21Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 22Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 23Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 24Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 25Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 26Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
1999 Mar 09
23
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
CHARACTERISTICS
VCCA = V11 (or V19, V27 or V99) referenced to AGND (V13, V21, V29 or V96 = 4.75 to 5.25 V; VCCD = V95
referenced to DGND (V86) = 4.75 to 5.25 V; VDDD = V40 referenced to VSSD (V41) = 4.75 to 5.25 V; VCCO = V59
(or V69, V79 or V85) referenced to OGND (V48, V60, V70 or V82) = 4.75 to 5.25 V; AGND, DGND, OGND and VSSD
short circuited together. Tamb = 0 to 70 °C; typical values measured at VCCA =VDDD =VCCD =VCCO = 5 V and
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VDDD
logic supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.75
5.0
5.25
V
ICCA
analog supply current
−
120
−
mA
IDDD
logic supply current for
I2C-bus and 3-wire
−
1.0
−
mA
ICCD
digital supply current
−
40
−
mA
ICCO
output stages supply current
ramp input; fCLK = 100 MHz
−
6
−
mA
ICCO(PLL)
output PLL supply current
−
5
−
mA
ICCA(PLL)
analog PLL supply current
−
28
−
mA
∆VCC
supply voltage differences
VCCA − VCCD
−0.25 −
+0.25
V
VCCO − VCCD, VCCO − VDDD
−0.25 −
+0.25
V
VCCA − VDDD, VCCD − VDDD
−0.25 −
+0.25
V
VCCA − VCCO
−0.25 −
+0.25
V
Ptot
total power consumption
ramp input; fCLK = 100 MHz
−
1.0
−
W
Ppd
power consumption in
power-down mode
−
87
−
mW
R, G and B amplifiers
B
bandwidth
−3 dB; T
amb =25 °C
250
−−
MHz
tset
settling time of the block ADC
plus AGC
full-scale (black-to-white)
transition; input signal
settling time<1ns;
1 to 99%; Tamb =25 °C
−
4.5
6
ns
GNCOARSE
coarse gain range
Vref = 2.5 V; minimum
coarse gain register;
code = 32; (see Fig.8)
−−1.67
−
dB
maximum coarse gain
register; code = 99;
(see Fig.8)
−
8
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com