Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/8 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8752H/8
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/8 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8752H/8 Datasheet HTML 5Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 6Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 7Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 8Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 9Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 10Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 11Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 12Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
1999 Mar 09
9
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
R1
72
red channel ADC output bit 1
R2
73
red channel ADC output bit 2
R3
74
red channel ADC output bit 3
R4
75
red channel ADC output bit 4
R5
76
red channel ADC output bit 5
R6
77
red channel ADC output bit 6
R7
78
red channel ADC output bit 7 (MSB)
VCCOR
79
red channel ADC output power supply
CKREFO
80
reference output clock resynchronized horizontal pulse
CKAO
81
PLL clock output 3 (in phase with reference output clock)
OGNDPLL
82
PLL digital ground
CKBO
83
PLL clock output 2
CKADCO
84
PLL clock output 1 (in phase with internal ADC clock)
VCCO(PLL)
85
PLL output power supply
DGND
86
digital ground
OE
87
output enable not (when OE is HIGH, the outputs are in high-impedance)
PWDWN
88
power-down control input (IC is in power-down mode when this pin is HIGH)
CLP
89
clamp pulse input (clamp active HIGH)
HSYNC
90
horizontal synchronization input pulse
INV
91
PLL clock output inverter command input (invert when HIGH)
CKEXT
92
external clock input
COAST
93
PLL coast command input
CKREF
94
PLL reference clock input
VCCD
95
digital power supply
AGNDPLL
96
PLL analog ground
CP
97
PLL filter input
CZ
98
PLL filter input
VCCAPLL
99
PLL analog power supply
n.c.
100
not connected
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com