Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/8 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8752H/8
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/8 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8752H/8 Datasheet HTML 10Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 11Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 12Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 13Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 14Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 15Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 16Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 17Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
1999 Mar 09
14
Philips Semiconductors
Product specification
Triple high speed Analog-to-Digital
Converter (ADC)
TDA8752
Fig.6 Dual TDA8752 solution for pixel clock rate with a single phase adjustment (100 to 200 MHz).
Slave at 180
° phase shift with respect to pin CKADCO of the master TDA8752.
handbook, full pagewidth
MBK772
I2C-bus;
1 bit (Ckb)
(Ckb = 1)
phase selector A
I2C-bus;
5 bits (Pa)
I2C-bus;
1 bit (Cka)
(Cka = 1)
CLK
ADC
12 to
100 MHz
PLL
Master TDA8752
(even pixels)
0
°/180°
MUX
SYNCHRO
COAST
CKEXT
INV
CKADCO
CKAO
CKREFO
CKREF
phase selector B
I2C-bus; 5 bits (Pb)
CKBO
I2C-bus;
1 bit (Ckb)
(Ckb = 0)
phase selector A
I2C-bus;
5 bits (Pa)
I2C-bus;
1 bit (Cka)
(Cka = 1)
CLK
ADC
12 to
100 MHz
PLL
Slave TDA8752
(odd pixels)
0
°/180°
MUX
SYNCHRO
COAST
CKEXT
INV
5 V
CKADCO
CKAO
CKREFO
CKREF
phase selector B
I2C-bus; 5 bits (Pb)
CKBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com