Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8752H/8 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA8752H/8
Description  Triple high speed Analog-to-Digital Converter ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8752H/8 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA8752H/8 Datasheet HTML 25Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 26Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 27Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 28Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 29Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 30Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 31Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 32Page - NXP Semiconductors TDA8752H/8 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 13 Examples of PLL settings and performances; note 1
Notes
1. Values measured at VCCA =VDDD =VCCD =VCCO = 5 V and Tamb =25°C.
2. PLL long-term time jitter is measured at the end of the video line, where it is at its maximum.
3. Measured between 0 and 70
°C.
VIDEO
STANDARDS
fref (kHz)
fCLK
(MHz)
N
KO
(MHz/V)
CZ
(nF)
CP
(nF)
IP (µA)
Z
(k
Ω)
LONG TIME JITTER(2)
PLL PHASE
DRIFT(3) (ns)
ps (RMS)
ns (p-p)
CGA: 640
× 200
15.75
14.3
912
15
150
1
200
4
−−
1.2
VGA: 640
× 480
31.5
25.2
800
30
150
1
400
2
610
3.6
0.7
VESA: 800
× 600
48.08
50
1040
60
150
1
700
1
480
2.9
0.55
VESA: 1024
× 768
60.02
78.8
1312
100
150
1
700
1
380
2.3
0.3
SUN: 1152
× 900
66.67
100
1500
100
150
1
700
1
360
2.2
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com