Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/3 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8772H/3 Datasheet HTML 1Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 2Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 3Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 4Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1997 Mar 06
5
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
PINNING
SYMBOL
PIN
DESCRIPTION
R7
1
RED digital input data; bit 7 (MSB)
R6
2
RED digital input data; bit 6
R5
3
RED digital input data; bit 5
R4
4
RED digital input data; bit 4
R3
5
RED digital input data; bit 3
R2
6
RED digital input data; bit 2
R1
7
RED digital input data; bit 1
R0
8
RED digital input data; bit 0 (LSB)
VSSD1
9
digital supply ground 1
VDDD1
10
digital supply voltage 1
SYNC
11
composite sync control input; for
GREEN channel only (active LOW)
BLANK
12
composite blank control input
(active LOW)
G7
13
GREEN digital input data; bit 7
(MSB)
G6
14
GREEN digital input data; bit 6
G5
15
GREEN digital input data; bit 5
G4
16
GREEN digital input data; bit 4
G3
17
GREEN digital input data; bit 3
G2
18
GREEN digital input data; bit 2
G1
19
GREEN digital input data; bit 1
G0
20
GREEN digital input data; bit 0
(LSB)
CLKR
21
RED clock input
CLKG
22
GREEN clock input
CLKB
23
BLUE clock input
B7
24
BLUE digital input data; bit 7
(MSB)
B6
25
BLUE digital input data; bit 6
B5
26
BLUE digital input data; bit 5
B4
27
BLUE digital input data; bit 4
B3
28
BLUE digital input data; bit 3
B2
29
BLUE digital input data; bit 2
B1
30
BLUE digital input data; bit 1
B0
31
BLUE digital input data; bit 0 (LSB)
VDDD2
32
digital supply voltage 2
VSSD2
33
digital supply ground 2
VREF
34
decoupling input for reference
voltage
VDDA1
35
analog supply voltage 1
OUTB
36
BLUE analog output
VSSA1
37
analog supply ground 1
IREFA
38
reference current input for internal
reference
VDDA2
39
analog supply voltage 2
OUTG
40
GREEN analog output
IREFB
41
reference current input for output
buffers
VSSA2
42
analog supply ground 2
VDDA3
43
analog supply voltage 3
OUTR
44
RED analog output
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com