Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/3 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8772H/3 Datasheet HTML 3Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 4Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 10Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Mar 06
7
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
CHARACTERISTICS
TDA8772H/3 operating at 35 MHz and TDA8772H/8 operating at 85 MHz unless otherwise specified.
VDDA =VDDD = 4.5 V to 5.5 V; VSSA and VSSD shorted together; VDDA − VDDD = −0.5 V to +0.5 V; Tamb = 0 to +70 °C;
typical values measured at VDDA =VDDD = 5 V and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDA
analog supply current
RL =75 Ω; note 1
40
65
100
mA
IDDD
digital supply current
TDA8772H/3
−
716
mA
TDA8772H/8
−
16
27
mA
Inputs
CLOCK INPUTS (PINS 21 TO 23)
VIL
LOW level input voltage
VSSD − 0.5 −
0.8
V
VIH
HIGH level input voltage
2.0
−
VDDD + 0.5 V
BLANK, SYNC INPUTS (PINS 12 AND 11; ACTIVE LOW)
VIL
LOW level input voltage
VSSD − 0.5 −
0.8
V
VIH
HIGH level input voltage
2.0
−
VDDD + 0.5 V
R, G, B DIGITAL INPUTS (PINS 1 TO 8, 13 TO 20 AND 24 TO 31)
VIL
LOW level input voltage
VSSD − 0.5 −
0.8
V
VIH
HIGH level input voltage
2.0
−
VDDD + 0.5 V
IREFA INTERNAL REFERENCE SUPPLY CURRENT (PIN 38)
Ii(REFA)
input current
−
0.17
0.25
mA
IREFB OUTPUT BUFFER SUPPLY CURRENT (PIN 41)
Ii(REFB)
input current
−
0.5
0.7
mA
Timing (CL = 25 pF; RL =75 Ω); see Fig.3
fclk(max)
maximum clock frequency
TDA8772H/3
35
−−
MHz
TDA8772H/8
85
−−
MHz
tCPH
clock pulse width HIGH
5
−−
ns
tCPL
clock pulse width LOW
5
−−
ns
tr
clock rise time
TDA8772H/3
−−
5ns
TDA8772H/8
−−
3ns
tf
clock fall time
TDA8772H/3
−−
5ns
TDA8772H/8
−−
3ns
tSU;DAT
input data set-up time
4
−−
ns
tHD;DAT
input data hold time
2.5
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com