Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/3 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 10Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 11Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 12Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 13Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 14Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 15Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1997 Mar 06
12
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
APPLICATION INFORMATION
Fig.6 Application diagram.
Analog and digital supplies should be separated and decoupled.
Supplies are not connected internally.
All ground pins must be connected. One ground plane is preferred although it depends on the application.
See Fig.7 for example of anti-aliasing filter.
handbook, full pagewidth
MBB664 - 4
V REF
100 nF
VSSA
VDDA1
B1
B2
BLANK
G7
G6
G5
G4
G3
G2
G1
G0
CLKR
R2
R0
SYNC
VDDA2
10
nF
5 V
VSSA2
75
Ω
VDDA3
10 nF
5 V
R3
R4
R5
1
2
3
4
5
6
7
8
9
10
11
44
43
42
41
40
39
38
37
36
35
34
12
13
14
15
16
17
18
19
20
21
22
33
32
31
30
29
28
27
26
25
24
23
TDA8772
75
Ω
VSSA
OUTR
VSSA
OUTG
VSSA
OUTB
VSSA
VDDD2
10 nF
5 V
VSSD
VDDD1
10 nF
5 V
VSSD
VSSA
5 V
VSSA
75
Ω
B5
B6
B7
CLKB
CLKG
IREFB
8.2
k
Ω
OUTG
VSSA
VSSA1
IREFA
33
k
Ω
VSSD2
B0
B4
B3
R6
R7
R1
VSSD1
10
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com