Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8772H/3 Datasheet HTML 1Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 2Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 3Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 4Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Mar 06
2
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
FEATURES
• 8-bit resolution
• Sampling rate up to:
– 35 MHz for TDA8772H/3
– 85 MHz for TDA8772H/8
• Internal reference voltage regulator
• No deglitching circuit required
• SYNC, BLANK control inputs
• 3 independent clock inputs (one per DAC)
• 1 V output voltage range
• 75 Ω output load
• TDA8772 has BLANK control on the 3 channels
• Single 5 V power supply
• 44-pin QFP package.
APPLICATIONS
• General purpose high-speed digital-to-analog
conversion
• Digital TV
• Graphic display
• Desktop video processing.
GENERAL DESCRIPTION
The TDA8772 is a triple 8-bit video Digital-to-Analog
Converter (DAC). It converts the digital input signals into
analog voltage outputs at a maximum conversion rate of
35 MHz (TDA8772H/3) and 85 MHz (TDA8772H/8).
The DAC is based on resistor-string architecture with
integrated output buffers. The output voltage range is
determined by a built-in reference source.
The device is fabricated in a 5 V CMOS process that
ensures high functionality with low power dissipation.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY
NAME
DESCRIPTION
VERSION
TDA8772H/3
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
35 MHz
TDA8772H/8
85 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com