Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/3 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8772H/3
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/3 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8772H/3 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 9Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 10Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 11Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 12Page - NXP Semiconductors TDA8772H/3 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1997 Mar 06
9
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
Table 1
Input coding and DAC output voltages (typical values)
Table 2
Input coding and DAC output voltages (typical values)
BINARY INPUT DATA
(SYNC = BLANK = 0)
CODE
DAC OUTPUT VOLTAGES (V)
OUTB, OUTR, OUTG
RL =75 Ω
0000 0000
0
0.830
0000 0001
1
0.834
.... ....
.
.
1000 0000
128
1.330
.... ....
.
.
1111 1110
254
1.826
1111 1111
255
1.830
BINARY INPUT DATA
SYNC
(PIN 11)
BLANK
(PIN 12)
DAC OUTPUT VOLTAGES (V)
OUTG
(PIN 40)
OUTR/B
(PINS 44, 46)
.... ....
x
1
see Table 1
see Table 1
.... ....
1
0
0.830
0.830
.... ....
0
0
0.440



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com