Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ARTZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8515ARTZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ARTZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8515ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
AD8515
Rev. E | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
450
200
250
300
350
400
4.65
4.70
4.75
4.80
4.85
4.90
4.95
BANDWIDTH (MHz)
VS = ±2.5V
Figure 2. Supply Current vs. Bandwidth
450
400
350
300
250
200
150
100
50
0
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
Figure 3. Supply Current vs. Supply Voltage
500
300
–50
150
TEMPERATURE (°C)
450
400
350
–25
0
25
50
75
100
125
VS = 5V
Figure 4. ISY vs. Temperature
6
0
4.65
4.95
BANDWIDTH (MHz)
5
4
3
2
1
4.70
4.75
4.80
4.85
4.90
Figure 5. Supply Voltage vs. Bandwidth
160
0
0
20
LOAD CURRENT (mA)
VOH
VOL
VS = ±2.5V
140
120
100
80
60
40
20
5
10
15
Figure 6. Output Voltage to Supply Rail vs. Load Current
120
–80
1k
50M
FREQUENCY (Hz)
10k
1M
100k
10M
100
80
60
40
20
0
–20
–40
–60
270
–180
225
180
135
90
45
0
–45
–90
–135
VS = ±2.5V
AMPLITUDE = 20mV
GAIN
PHASE
Figure 7. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com