Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ARTZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8515ARTZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ARTZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8515ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD8515
Rev. E | Page 11 of 16
200
0
1k
10M
FREQUENCY (Hz)
10k
100k
1M
150
100
50
VS = ±0.9V
GAIN = 10
GAIN = 100
GAIN = 1
Figure 26. Output Impedance vs. Frequency
TIME (200µs/DIV)
VS = ±0.9V
VIN = 3.2V
VOUT
VIN
Figure 27. No Phase Reversal
11
3
–50
150
TEMPERATURE (°C)
0
50
100
9
7
5
VS = 5V
IL = 750µA
Figure 28. VOL vs. Temperature
4.995
4.990
–50
150
TEMPERATURE (°C)
0
50
100
VS = 5V
IL = 750µA
4.994
4.993
4.992
4.991
Figure 29. VOH vs. Temperature
80
65
–50
150
TEMPERATURE (°C)
0
50
100
VS = 5V
77
74
71
68
Figure 30. CMRR vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com