Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ARTZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8515ARTZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ARTZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8515ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8515
Data Sheet
Rev. E | Page 14 of 16
A MICROPOWER REFERENCE VOLTAGE GENERATOR
Many single-supply circuits are configured with the circuit
biased to one-half of the supply voltage. In these cases, a false
ground reference can be created by using a voltage divider buffered
by an amplifier. Figure 35 shows the schematic for such a circuit.
The two 1 MΩ resistors generate the reference voltages while
drawing only 0.9 μA of current from a 1.8 V supply. A capacitor
connected from the inverting terminal to the output of the op amp
provides compensation to allow for a bypass capacitor to be
connected at the reference output. This bypass capacitor helps
establish an ac ground for the reference output.
AD8515
C3
1µF
C2
0.022µF
C1
1µF
R3
10kΩ
R2
1MΩ
R4
100Ω
1.8V TO 5V
0.9V TO 2.5V
R1
1MΩ
3
4
1
U1
V+
V–
+
–
Figure 35. Micropower Voltage Reference Generator
A 100 kHz SINGLE-SUPPLY SECOND-ORDER
BAND-PASS FILTER
The circuit in Figure 36 is commonly used in portable applica-
tions where low power consumption and wide bandwidth are
required. This figure shows a circuit for a single-supply band-pass
filter with a center frequency of 100 kHz. It is essential that the
op amp have a loop gain at 100 kHz to maintain an accurate center
frequency. This loop gain requirement necessitates the choice of
an op amp with a high unity gain crossover frequency, such as
theAD8515. The 4.5 MHz bandwidth of theAD8515 is sufficient
to accurately produce the 100 kHz center frequency, as the response
in Figure 37 shows. When the op amp bandwidth is close to the
center frequency of the filter, the amplifier internal phase shift
causes excess phase shift at 100 kHz, altering the filter response.
In fact, if the chosen op amp has a bandwidth close to 100 kHz,
the phase shift of the op amps causes the loop to oscillate.
A common-mode bias level is easily created by connecting the
noninverting input to a resistor divider consisting of two resistors
connected between VCC and ground. This bias point is also
decoupled to ground with a 1 μF capacitor.
C1
R1
fL
×
×
π
=
2
1
C1
R1
fH
×
×
π
=
2
1
R2
R1
H
+
= 1
0
V
5
V
8
.
1
−
=
VCC
where:
fL is the low −3 dB frequency.
fH is the high −3 dB frequency.
H0 is the midfrequency gain.
400mV
V11
VCC
VCC
VOUT
0
0
R6
1MΩ
R8
1MΩ
C3
1µF
C1
2nF
R1
5kΩ
R2
20kΩ
R5
2kΩ
AD8515
3
4
1
U9
V+
V–
+
–
C6
10pF
Figure 36. Second-Order Band-Pass Filter
2
0
1k
10k
100M
FREQUENCY (Hz)
100k
1M
10M
1.5
1
0.5
Figure 37. Frequency Response of the Band-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com