Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ARTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8515ARTZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ARTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8515ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8515
Data Sheet
Rev. E | Page 10 of 16
TIME (1µs/DIV)
VS = ±2.5V
CL = 300pF
VIN = 4V
Figure 20. Large Signal Transient Response
TIME (2µs/DIV)
VS = ±1.5V
GAIN = –40
VIN = 100mV
VOUT
VIN
100mV
0V
0V
2V
Figure 21. Saturation Recovery
TIME (2µs/DIV)
VS = ±1.5V
GAIN = –40
VIN = 100mV
VOUT
VIN
–100mV
0V
2V
0V
Figure 22. Saturation Recovery
120
–80
10k
100M
FREQUENCY (Hz)
100
80
60
40
20
0
–20
–40
–60
100k
1M
10M
VS = ±1.5V
AMPLITUDE = 50mV
Figure 23. CMRR vs. Frequency
TIME (1µs/DIV)
VS = ±0.9V
CL = 50pF
VIN = 200mV
Figure 24. Small Signal Transient Response
120
–80
10k
30M
FREQUENCY (Hz)
100k
1M
10M
100
80
60
40
20
0
–20
–40
–60
270
–180
225
180
135
90
45
0
–45
–90
–135
VS = ±0.9V
AMPLITUDE = 20mV
Figure 25. Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com