Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8515ARTZ-R2
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8515ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8515ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8515
Data Sheet
Rev. E | Page 8 of 16
120
–80
10k
30M
FREQUENCY (Hz)
100k
1M
10M
100
80
60
40
20
0
–20
–40
–60
VS = ±2.5V
G = 10
G = 100
G = 1
Figure 8. ACL vs. Frequency
120
–80
10k
100M
FREQUENCY (Hz)
100k
1M
10M
100
80
60
40
20
0
–20
–40
–60
VS = ±2.5V
AMPLITUDE = 50mV
Figure 9. CMRR vs. Frequency
140
–20
100
FREQUENCY (Hz)
1k
10k
100k
1M
120
100
80
60
40
20
0
VS = ±2.5V
AMPLITUDE = 50mV
+PSRR
–PSRR
Figure 10. PSRR vs. Frequency
96
76
–50
150
TEMPERATURE (°C)
84
VS = ±2.5V
92
88
80
0
50
100
Figure 11. PSRR vs. Temperature
430
0
–6.24
3.63
VOS (mV)
172
344
258
86
–4.27
–2.29
–0.32
1.66
VS = ±2.5V
Figure 12. VOS Distribution
150
0
1k
10M
FREQUENCY (Hz)
10k
100k
1M
100
50
VS = ±2.5V
GAIN = 10
GAIN = 100
GAIN = 1
Figure 13. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com